công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS3525 bảng dữ liệu(PDF) 46 Page - ams AG

tên linh kiện AS3525
Giải thích chi tiết về linh kiện  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS3525 bảng dữ liệu(HTML) 46 Page - ams AG

Back Button AS3525 Datasheet HTML 42Page - ams AG AS3525 Datasheet HTML 43Page - ams AG AS3525 Datasheet HTML 44Page - ams AG AS3525 Datasheet HTML 45Page - ams AG AS3525 Datasheet HTML 46Page - ams AG AS3525 Datasheet HTML 47Page - ams AG AS3525 Datasheet HTML 48Page - ams AG AS3525 Datasheet HTML 49Page - ams AG AS3525 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
46
- 194
Watchdog lock register, WdogLock
Use of this register allows write-access to all other registers to be disabled. This is to prenent rogue software from disabling the watchdog
functionality. Writing a value of 0x1ACCE551 will enable write access to all other registers. Writing any other value will disable write accesses. A
read from this register will return only the bottom bit:
•
0 indicates that write access is enabled (not locked)
•
1 indicates that write access is disabled (locked)
Table 26 watchdog lock register
Name
Base
Default
WdogLock
AS3525_WDT_BASE
0x00
Watchdog raw interrupt status register
Offset: 0xC00
Bit
Bit Name
Default
Access
Bit Description
31:0
Enable register
writes
W
Enable write access to all other registers by writing
0x1ACCE551. Disable write access by writing any other value.
0
Register write
enable status
0
R
0: write access to all other registers is enabled (default)
1: write access to all other registers is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More