| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS3525 bảng dữ liệu(PDF) 191 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3525 bảng dữ liệu(HTML) 191 Page - ams AG |
|
191 / 194 page ![]() AS3525-A/-B C22O22 Data Sheet, Confidential © 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved. www.austriamicrosystems.com Revision 1.13 191 - 194 S.No . Start (Base) Address End Address Actual Block Size Peripheral Comment 0x1100_0000 0x1FFF_FFFF Reserved 0x2000_0000 0x203F_FFFF 4 MB External Memory IF (MPMC Bank2 – External LCD Controller) 0x2100_0000 0x2FFF_FFFF Reserved 0x3000_0000 0x3FFF_FFFF 256 MB External Memory IF (MPMC Bank 4 – SDRAM) 0x4000_0000 0x4FFF_FFFF 256 MB External Memory If (MPMC Bank5 – SDRAM) 0x5000_0000 0x7FFF_FFFF Reserved 0x8000_0000 0x8001_FFFF 128 KByte Internal ROM Aliased 0x8002_0000 0x80FF_FFFF Reserved 0x8100_0000 0x8104_FFFF 320 KByte Embedded 1T-RAM Aliased 0x8105_0000 0xBFFF_FFFF Reserved 0xC000_0000 0xC001_FFFF 128 KByte Internal ROM Aliased 0xC002_0000 0xC0FF_FFFF Reserved 0xC100_0000 0xC104_FFFF 320 KByte Embedded 1T-RAM Aliased 0xC105_0000 0xC5FF_FFFF Reserved 0xC600_0000 0xC600_FFFF Few USB2.0 Slave 0xC601_0000 0xC601_FFFF Few VIC 0xC602_0000 0xC602_FFFF Few DMAC Slave 0xC603_0000 0xC603_FFFF Few ExtMemIFSlave 0xC604_0000 0xC604_FFFF Few MemoryStick Slave 0xC605_0000 0xC605_FFFF Few CompactFlash/IDE Slave 0xC606_0000 0xC606_FFFF 4 KByte ARM922T Slave 0xC607_0000 0xC7FF_FFFF Reserved APB blocks 0xC800_0000 0xC800_FFFF Few Nand Flash / Smart Media Interface 0xC801_0000 0xC801_FFFF Few BistManager 0xC802_0000 0xC802_FFFF Few SD-MCI 0xC803_0000 0xC803_FFFF Few Reserved 0xC804_0000 0xC804_FFFF Few Timer 0xC805_0000 0xC805_FFFF Few Watchdog Timer 0xC806_0000 0xC806_FFFF Few I2C Master/Slave 0xC807_0000 0xC807_FFFF Few I2C Audio Master 0xC808_0000 0xC808_FFFF Few SSP 0xC809_0000 0xC809_FFFF Few I2S IN Interface 0xC80A_0000 0xC80A_FFFF Few I2S OUT Interface 0xC80B_0000 0xC80B_FFFF Few GPIO A 0xC80C_0000 0xC80C_FFFF Few GPIO B 0xC80D_0000 0xC80D_FFFF Few GPIO C 0xC80E_0000 0xC80E_FFFF Few GPIO D 0xC80F_0000 0xC80F_FFFF Few Clock Generation Unit 0xC810_0000 0xC810_FFFF Few Chip Control Unit 0xC811_0000 0xC811_FFFF Few Debug UART 0xC812_0000 0xC812_FFFF DBOP 0xC813_0000 0xC813_FFFF reserved 9.2 Register definitions This section gives a short overview of all module registers. |