công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF2129A bảng dữ liệu(PDF) 58 Page - NXP Semiconductors

tên linh kiện PCF2129A
Giải thích chi tiết về linh kiện  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129A bảng dữ liệu(HTML) 58 Page - NXP Semiconductors

Back Button PCF2129A Datasheet HTML 54Page - NXP Semiconductors PCF2129A Datasheet HTML 55Page - NXP Semiconductors PCF2129A Datasheet HTML 56Page - NXP Semiconductors PCF2129A Datasheet HTML 57Page - NXP Semiconductors PCF2129A Datasheet HTML 58Page - NXP Semiconductors PCF2129A Datasheet HTML 59Page - NXP Semiconductors PCF2129A Datasheet HTML 60Page - NXP Semiconductors PCF2129A Datasheet HTML 61Page - NXP Semiconductors PCF2129A Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
58 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
13.2 I2C-bus timing characteristics
[1]
The minimum SCL clock frequency is limited by the bus time-out feature which resets the serial bus interface if either the SDA or SCL is
held LOW for a minimum of 25 ms. The bus time-out feature must be disabled for DC operation.
[2]
A master device must internally provide a hold time of at least 300 ns for the SDA signal (refer to the VIL of the SCL signal) in order to
bridge the undefined region of the SCL’s falling edge.
[3]
Cb is the total capacitance of one bus line in pF.
[4]
The maximum tf for the SDA and SCL bus lines is 300 ns. The maximum fall time for the SDA output stage, tf is 250 ns. This allows
series protection resistors to be connected between the SDA pin, the SCL pin, and the SDA/SCL bus lines without exceeding the
maximum tf.
[5]
tVD;ACK is the time of the acknowledgement signal from SCL LOW to SDA (out) LOW.
[6]
tVD;DAT is the minimum time for valid SDA (out) data following SCL LOW.
[7]
Input filters on the SDA and SCL inputs suppress noise spikes of less than 50 ns.
Table 55.
I2C-bus characteristics
All timing characteristics are valid within the operating supply voltage and ambient temperature range and reference to 30 %
and 70 % with an input voltage swing of VSS to VDD (see Figure 42).
Symbol Parameter
Standard mode
Fast-mode (Fm)
Fast-mode Plus (Fm+) Unit
Min
Max
Min
Max
Min
Max
Pin SCL
fSCL
SCL clock frequency
[1] 0
100
0
400
0
1000
kHz
tLOW
LOW period of the SCL
clock
4.7
-
1.3
-
0.5
-
μs
tHIGH
HIGH period of the SCL
clock
4.0
-
0.6
-
0.26
-
μs
Pin SDA
tSU;DAT
data set-up time
250
-
100
-
50
-
ns
tHD;DAT
data hold time
0
-
0
-
0
-
ns
Pins SCL and SDA
tBUF
bus free time between a
STOP and START
condition
4.7
-
1.3
-
0.5
-
μs
tSU;STO
set-up time for STOP
condition
4.0
-
0.6
-
0.26
-
μs
tHD;STA
hold time (repeated)
START condition
4.0
-
0.6
-
0.26
-
μs
tSU;STA
set-up time for a
repeated START
condition
4.7
-
0.6
-
0.26
-
μs
tr
rise time of both SDA
and SCL signals
[2][3][4] -
1000
20 + 0.1Cb 300
-
120
ns
tf
fall time of both SDA and
SCL signals
[2][3][4] -
300
20 + 0.1Cb 300
-
120
ns
tVD;ACK
data valid acknowledge
time
[5] 0.1
3.45
0.1
0.9
0.05
0.45
μs
tVD;DAT
data valid time
[6] 300
-
75
-
75
450
ns
tSP
pulse width of spikes
that must be suppressed
by the input filter
[7] -50
-
50
-
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com