công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF2129A bảng dữ liệu(PDF) 17 Page - NXP Semiconductors

tên linh kiện PCF2129A
Giải thích chi tiết về linh kiện  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129A bảng dữ liệu(HTML) 17 Page - NXP Semiconductors

Back Button PCF2129A Datasheet HTML 13Page - NXP Semiconductors PCF2129A Datasheet HTML 14Page - NXP Semiconductors PCF2129A Datasheet HTML 15Page - NXP Semiconductors PCF2129A Datasheet HTML 16Page - NXP Semiconductors PCF2129A Datasheet HTML 17Page - NXP Semiconductors PCF2129A Datasheet HTML 18Page - NXP Semiconductors PCF2129A Datasheet HTML 19Page - NXP Semiconductors PCF2129A Datasheet HTML 20Page - NXP Semiconductors PCF2129A Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
17 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
The internal power supply (available on pin BBS) is equal to VDD or VBAT. It has to be
assured that there are decoupling capacitors on the pins VDD, VBAT, and BBS.
8.5.2 Battery backup supply
The VBBS voltage on the output pin BBS is equal to the internal power supply and depends
on the selected battery switch-over function mode:
Fig 6.
Battery switch-over circuit, simplified block diagram
001aag061
VCC
Vth(sw)bat
VDD
VBBS
(internal
power supply)
VDD
VDD(int)
VDD(int)
VDD(int)
VBAT
LOGIC
comparators
logic
switches
VCC
Vth(sw)bat
VBAT
Table 14.
Output pin BBS
Battery switch-over function mode
Conditions
VBBS equals
standard
VDD > VBAT OR VDD > Vth(sw)bat
VDD
VDD < VBAT AND VDD < Vth(sw)bat
VBAT
direct switching
VDD > VBAT
VDD
VDD < VBAT
VBAT
disabled
only VDD available,
VBAT must be put to ground
VDD
Fig 7.
Typical driving capability of VBBS: (VBBS − VDD) with respect to the output load
current IBBS
IBBS (mA)
0
8
6
4
2
001aaj431
VDD = 3 V
VDD = 2 V
−400
−600
−200
0
VBBS − VDD
(mV)
−800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com