công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF2129A bảng dữ liệu(PDF) 51 Page - NXP Semiconductors

tên linh kiện PCF2129A
Giải thích chi tiết về linh kiện  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129A bảng dữ liệu(HTML) 51 Page - NXP Semiconductors

Back Button PCF2129A Datasheet HTML 47Page - NXP Semiconductors PCF2129A Datasheet HTML 48Page - NXP Semiconductors PCF2129A Datasheet HTML 49Page - NXP Semiconductors PCF2129A Datasheet HTML 50Page - NXP Semiconductors PCF2129A Datasheet HTML 51Page - NXP Semiconductors PCF2129A Datasheet HTML 52Page - NXP Semiconductors PCF2129A Datasheet HTML 53Page - NXP Semiconductors PCF2129A Datasheet HTML 54Page - NXP Semiconductors PCF2129A Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
51 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
11. Limiting values
[1]
Pass level; Human Body Model (HBM) according to Ref. 7 “JESD22-A114”.
[2]
Pass level; Machine Model (MM), according to Ref. 8 “JESD22-A115”.
[3]
Pass level; Charged-Device Model (CDM), according to Ref. 9 “JESD22-C101”.
[4]
Pass level; latch-up testing according to Ref. 10 “JESD78” at maximum ambient temperature (Tamb(max)).
[5]
According to the NXP store and transport requirements (see Ref. 12 “NX3-00092”) the devices have to be
stored at a temperature of +8
°C to +45 °C and a humidity of 25 % to 75 %. For long term storage products
deviant conditions are described in that document.
Table 51.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+4.5
V
IDD
supply current
−50
+50
mA
Vi
input voltage
−0.5
+6.5
V
II
input current
−10
+10
mA
VO
output voltage
−0.5
+6.5
V
IO
output current
−10
+10
mA
at pin SDA
−10
+20
mA
VBAT
battery supply voltage
−0.5
+4.5
V
Ptot
total power dissipation
-
300
mW
Tamb
ambient temperature
−40
+85
°C
VESD
electrostatic discharge
voltage
HBM
[1] -
±3000
V
MM
[2] -
±250
V
CDM
[3] -
±1500
V
Ilu
latch-up current
[4] -200
mA
Tstg
storage temperature
[5]
−55
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com