công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF2129A bảng dữ liệu(PDF) 42 Page - NXP Semiconductors

tên linh kiện PCF2129A
Giải thích chi tiết về linh kiện  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129A bảng dữ liệu(HTML) 42 Page - NXP Semiconductors

Back Button PCF2129A Datasheet HTML 38Page - NXP Semiconductors PCF2129A Datasheet HTML 39Page - NXP Semiconductors PCF2129A Datasheet HTML 40Page - NXP Semiconductors PCF2129A Datasheet HTML 41Page - NXP Semiconductors PCF2129A Datasheet HTML 42Page - NXP Semiconductors PCF2129A Datasheet HTML 43Page - NXP Semiconductors PCF2129A Datasheet HTML 44Page - NXP Semiconductors PCF2129A Datasheet HTML 45Page - NXP Semiconductors PCF2129A Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
42 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
8.14 STOP bit function
The function of the STOP bit is to allow for accurate starting of the time circuits. STOP will
cause the upper part of the prescaler (F9 to F14) to be held in reset and thus no 1 Hz ticks
are generated. The time circuits can then be set and will not increment until the STOP bit
is released. STOP will not affect the CLKOUT signal but the output of the prescaler in the
range of 32 Hz to 1 Hz (see Figure 24).
The lower stages of the prescaler, F0 to F8, are not reset and because the I2C-bus and the
SPI-bus are asynchronous to the crystal oscillator, the accuracy of re-starting the time
circuits is between 0 and one 64 Hz cycle (0.484375 s and 0.500000 s), see Table 46 and
Figure 25.
[1]
F0 is clocked at 32.768 kHz.
Table 46.
First increment of time circuits after stop release
Bit
STOP
Prescaler bits[1]
F0 to F8 - F9 to F14
1Hz tick
Time
hh:mm:ss
Comment
Clock is running normally
0
010000111-010100
12:45:12
prescaler counting normally
STOP bit is activated by user. F0 to F8 are not reset and values cannot be predicted externally
1
xxxxxxxxx-000000
12:45:12
prescaler is reset; time circuits are frozen
New time is set by user
1
xxxxxxxxx-000000
08:00:00
prescaler is reset; time circuits are frozen
STOP bit is released by user
0
xxxxxxxxx-000000
08:00:00
prescaler is now running
0
xxxxxxxxx-100000
08:00:00
0
xxxxxxxxx-100000
08:00:00
0
xxxxxxxxx-110000
08:00:00
::
:
0
111111111-111110
08:00:00
0
000000000-000001
08:00:01
0 to 1 transition of F14 increments the time circuits
0
100000000-000001
08:00:01
::
:
0
111111111-111111
08:00:01
0
000000000-000000
08:00:01
0
100000000-000000
::
:
0
111111111-111110
08:00:01
0
000000000-000001
08:00:02
0 to 1 transition of F14 increments the time circuits
001aaj479



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com