công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF2129A bảng dữ liệu(PDF) 30 Page - NXP Semiconductors

tên linh kiện PCF2129A
Giải thích chi tiết về linh kiện  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129A bảng dữ liệu(HTML) 30 Page - NXP Semiconductors

Back Button PCF2129A Datasheet HTML 26Page - NXP Semiconductors PCF2129A Datasheet HTML 27Page - NXP Semiconductors PCF2129A Datasheet HTML 28Page - NXP Semiconductors PCF2129A Datasheet HTML 29Page - NXP Semiconductors PCF2129A Datasheet HTML 30Page - NXP Semiconductors PCF2129A Datasheet HTML 31Page - NXP Semiconductors PCF2129A Datasheet HTML 32Page - NXP Semiconductors PCF2129A Datasheet HTML 33Page - NXP Semiconductors PCF2129A Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
30 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
8.10.3 Watchdog timer function
The watchdog timer function is enabled or disabled by the WD_CD bit of the register
Watchdg_tim_ctl (see Table 30).
The two bits TF[1:0] in register Watchdg_tim_ctl determine one of the four source clock
frequencies for the watchdog timer: 4.096 kHz, 64 Hz, 1 Hz, or 1
⁄
60 Hz (see Table 32).
When the watchdog timer function is enabled, the 8-bit timer in register Watchdg_tim_val
determines the watchdog timer period.
The watchdog timer counts down from the software programmed 8-bit binary value n in
register Watchdg_tim_val. When the counter reaches 1 the watchdog timer flag WDTF
(register Control_2) is set logic 1 and an interrupt will be generated.
The counter does not automatically reload.
When WD_CD is logic 0 (watchdog timer disabled) and the microcontroller unit (MCU)
loads a watchdog timer value n, then:
• the flag WDTF is reset
• INT is cleared
• the watchdog timer starts again
Loading the counter with 0 will:
• reset the flag WDTF
• clear INT
• stop the watchdog timer
Remark: WDTF is read only. A read of the register Control_2 will automatically reset the
flag WDTF.
Table 32.
Programmable watchdog timer
TF[1:0]
Timer source
clock frequency
Units
Minimum timer
period (n = 1)
Units
Maximum timer
period (n = 255)
Units
00
4.096
kHz
244
μs
62.256
ms
01
64
Hz
15.625
ms
3.984
s
10
1
Hz
1
s
255
s
11
1
⁄
60
Hz
60
s
15300
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com