công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF2129A bảng dữ liệu(PDF) 56 Page - NXP Semiconductors

tên linh kiện PCF2129A
Giải thích chi tiết về linh kiện  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129A bảng dữ liệu(HTML) 56 Page - NXP Semiconductors

Back Button PCF2129A Datasheet HTML 52Page - NXP Semiconductors PCF2129A Datasheet HTML 53Page - NXP Semiconductors PCF2129A Datasheet HTML 54Page - NXP Semiconductors PCF2129A Datasheet HTML 55Page - NXP Semiconductors PCF2129A Datasheet HTML 56Page - NXP Semiconductors PCF2129A Datasheet HTML 57Page - NXP Semiconductors PCF2129A Datasheet HTML 58Page - NXP Semiconductors PCF2129A Datasheet HTML 59Page - NXP Semiconductors PCF2129A Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
56 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
13. Dynamic characteristics
13.1 SPI-bus timing characteristics
[1]
No load value; bus will be held up by bus capacitance; use RC time constant with application values.
Table 54.
SPI-bus characteristics
VDD = 1.8 V to 4.2 V; VSS =0V; Tamb = −40 °C to +85 °C, unless otherwise specified. All timing values are valid within the
operating supply voltage at ambient temperature and referenced to VIL and VIH with an input voltage swing of VSS to VDD (see
Figure 41).
Symbol
Parameter
Conditions
VDD =1.8 V
VDD =4.2 V
Unit
Min
Max
Min
Max
Pin SCL
fclk(SCL)
SCL clock frequency
-
2.0
-
6.5
MHz
tSCL
SCL time
800
-
140
-
ns
tclk(H)
clock HIGH time
100
-
70
-
ns
tclk(L)
clock LOW time
400
-
70
-
ns
tr
rise time
for SCL signal
-
100
-
30
ns
tf
fall time
for SCL signal
-
100
-
30
ns
Pin CE
tsu(CE_N)
CE_N set-up time
60
-
30
-
ns
th(CE_N)
CE_N hold time
40
-
25
-
ns
trec(CE_N)
CE_N recovery time
100
-
30
-
ns
tw(CE_N)
CE_N pulse width
-
0.99
-
0.99
s
Pin SDI
tsu
set-up time
set-up time for SDI data
70
-
20
-
ns
th
hold time
hold time for SDI data
70
-
20
-
ns
Pin SDO
td(R)SDO
SDO read delay time
CL = 50 pF
-
225
-
55
ns
tdis(SDO)
SDO disable time
[1]
-
90
-
25
ns
tt(SDI-SDO)
transition time from SDI to
SDO
to avoid bus conflict
0
-
0
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com