công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

56F8166 bảng dữ liệu(PDF) 82 Page - Freescale Semiconductor, Inc

tên linh kiện 56F8166
Giải thích chi tiết về linh kiện  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8166 bảng dữ liệu(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button 56F8166 Datasheet HTML 78Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 79Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 80Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 81Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 83Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 84Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 85Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 182 page
background image
56F8366 Technical Data, Rev. 7
82
Freescale Semiconductor
Preliminary
4.8 Factory Programmed Memory
The Boot Flash memory block is programmed during manufacturing with a default Serial Bootloader
program. The Serial Bootloader application can be used to load a user application into the Program and
Data Flash (NOT available in the 56F8166 device) memories of the device. The 56F83xx SCI/CAN
Bootloader User Manual (MC56F83xxBLUM) provides detailed information on this firmware. An
application note, Production Flash Programming (AN1973), details how the Serial Bootloader program
can be used to perform production flash programming of the on board flash memories as well as other
potential methods.
Like all the flash memory blocks the Boot Flash can be erased and programmed by the user. The Serial
Bootloader application is programmed as an aid to the end user, but is not required to be used or maintained
in the Boot Flash memory.
FC2MB13_DATA
$AC
Message Buffer 13 Data Register
FC2MB13_DATA
$AD
Message Buffer 13 Data Register
FC2MB13_DATA
$AE
Message Buffer 13 Data Register
Reserved
FC2MB14_CONTROL
$B0
Message Buffer 14 Control / Status Register
FC2MB14_ID_HIGH
$B1
Message Buffer 14 ID High Register
FC2MB14_ID_LOW
$B2
Message Buffer 14 ID Low Register
FC2MB14_DATA
$B3
Message Buffer 14 Data Register
FC2MB14_DATA
$B4
Message Buffer 14 Data Register
FC2MB14_DATA
$B5
Message Buffer 14 Data Register
FC2MB14_DATA
$B6
Message Buffer 14 Data Register
Reserved
FC2MB15_CONTROL
$B8
Message Buffer 15 Control / Status Register
FC2MB15_ID_HIGH
$B9
Message Buffer 15 ID High Register
FC2MB15_ID_LOW
$BA
Message Buffer 15 ID Low Register
FC2MB15_DATA
$BB
Message Buffer 15 Data Register
FC2MB15_DATA
$BC
Message Buffer 15 Data Register
FC2MB15_DATA
$BD
Message Buffer 15 Data Register
FC2MB15_DATA
$BE
Message Buffer 15 Data Register
Reserved
Table 4-39 FlexCAN2 Registers Address Map (Continued)
(FC2_BASE = $00 FA00)
FlexCAN2 is NOT available in the 56F8166 device
Register Acronym
Address Offset
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More