công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

56F8166 bảng dữ liệu(PDF) 24 Page - Freescale Semiconductor, Inc

tên linh kiện 56F8166
Giải thích chi tiết về linh kiện  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8166 bảng dữ liệu(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 56F8166 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 182 page
background image
56F8366 Technical Data, Rev. 7
24
Freescale Semiconductor
Preliminary
RD
45
Output
In reset,
output is
disabled,
pull-up is
enabled
Read Enable — RD is asserted during external memory read
cycles. When RD is asserted low, pins D0 - D15 become inputs
and an external device is enabled onto the data bus. When RD is
deasserted high, the external data is latched inside the device.
When RD is asserted, it qualifies the A0 - A16, PS, DS, and CSn
pins. RD can be connected directly to the OE pin of a static RAM or
ROM.
Depending upon the state of the DRV bit in the EMI bus control
register (BCR), RD is tri-stated when the external bus is inactive.
Most designs will want to change the DRV state to DRV = 1 instead of
using the default setting.
To deactivate the internal pull-up resistor, set the CTRL bit in the
SIM_PUDR register.
WR
44
Output
In reset,
output is
disabled,
pull-up is
enabled
Write Enable — WR is asserted during external memory write
cycles. When WR is asserted low, pins D0 - D15 become outputs
and the device puts data on the bus. When WR is deasserted high,
the external data is latched inside the external device. When WR is
asserted, it qualifies the A0 - A16, PS, DS, and CSn pins. WR can
be connected directly to the WE pin of a static RAM.
Depending upon the state of the DRV bit in the EMI bus control
register (BCR), WR is tri-stated when the external bus is inactive.
Most designs will want to change the DRV state to DRV = 1 instead of
using the default setting.
To deactivate the internal pull-up resistor, set the CTRL bit in the
SIM_PUDR register.
PS
(CS0)
(GPIOD8)
46
Output
Input/
Output
In reset,
output is
disabled,
pull-up is
enabled
Program Memory Select — This signal is actually CS0 in the
EMI, which is programmed at reset for compatibility with the
56F80x PS signal. PS is asserted low for external program
memory access.
Depending upon the state of the DRV bit in the EMI bus control
register (BCR), PS is tri-stated when the external bus is inactive.
CS0 resets to provide the PS function as defined on the 56F80x
devices.
Port D GPIO — This GPIO pin can be individually programmed as
an input or output pin.
To deactivate the Internal pull-up resistor, clear bit 8 in the
GPIOD_PUR register.
Table 2-2 Signal and Package Information for the 144-Pin LQFP
Signal Name
Pin No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com