| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
56F8166 bảng dữ liệu(PDF) 45 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8166 bảng dữ liệu(HTML) 45 Page - Freescale Semiconductor, Inc |
|
45 / 182 page ![]() Interrupt Vector Table 56F8366 Technical Data, Rev. 7 Freescale Semiconductor 45 Preliminary PLL 21 0-2 P:$2A PLL FM 22 0-2 P:$2C FM Access Error Interrupt FM 23 0-2 P:$2E FM Command Complete FM 24 0-2 P:$30 FM Command, data and address Buffers Empty Reserved FLEXCAN 26 0-2 P:$34 FLEXCAN Bus Off FLEXCAN 27 0-2 P:$36 FLEXCAN Error FLEXCAN 28 0-2 P:$38 FLEXCAN Wake Up FLEXCAN 29 0-2 P:$3A FLEXCAN Message Buffer Interrupt GPIOF 30 0-2 P:$3C GPIO F GPIOE 31 0-2 P:$3E GPIO E GPIOD 32 0-2 P:$40 GPIO D GPIOC 33 0-2 P:$42 GPIO C GPIOB 34 0-2 P:$44 GPIO B GPIOA 35 0-2 P:$46 GPIO A Reserved SPI1 38 0-2 P:$4C SPI 1 Receiver Full SPI1 39 0-2 P:$4E SPI 1 Transmitter Empty SPI0 40 0-2 P:$50 SPI 0 Receiver Full SPI0 41 0-2 P:$52 SPI 0 Transmitter Empty SCI1 42 0-2 P:$54 SCI 1 Transmitter Empty SCI1 43 0-2 P:$56 SCI 1 Transmitter Idle Reserved SCI1 45 0-2 P:$5A SCI 1 Receiver Error SCI1 46 0-2 P:$5C SCI 1 Receiver Full DEC1 47 0-2 P:$5E Quadrature Decoder #1 Home Switch or Watchdog DEC1 48 0-2 P:$60 Quadrature Decoder #1 INDEX Pulse DEC0 49 0-2 P:$62 Quadrature Decoder #0 Home Switch or Watchdog DEC0 50 0-2 P:$64 Quadrature Decoder #0 INDEX Pulse Reserved TMRD 52 0-2 P:$68 Timer D, Channel 0 TMRD 53 0-2 P:$6A Timer D, Channel 1 TMRD 54 0-2 P:$6C Timer D, Channel 2 TMRD 55 0-2 P:$6E Timer D, Channel 3 Table 4-5 Interrupt Vector Table Contents1 (Continued) Peripheral Vector Number Priority Level Vector Base Address + Interrupt Function |