| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
56F8166 bảng dữ liệu(PDF) 69 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8166 bảng dữ liệu(HTML) 69 Page - Freescale Semiconductor, Inc |
|
69 / 182 page ![]() Peripheral Memory Mapped Registers 56F8366 Technical Data, Rev. 7 Freescale Semiconductor 69 Preliminary Table 4-31 GPIOC Registers Address Map (GPIOC_BASE = $00 F310) Register Acronym Address Offset Register Description Reset Value GPIOC_PUR $0 Pull-up Enable Register 0 x 07FF GPIOC_DR $1 Data Register 0 x 0000 GPIOC_DDR $2 Data Direction Register 0 x 0000 GPIOC_PER $3 Peripheral Enable Register 0 x 07FF GPIOC_IAR $4 Interrupt Assert Register 0 x 0000 GPIOC_IENR $5 Interrupt Enable Register 0 x 0000 GPIOC_IPOLR $6 Interrupt Polarity Register 0 x 0000 GPIOC_IPR $7 Interrupt Pending Register 0 x 0000 GPIOC_IESR $8 Interrupt Edge-Sensitive Register 0 x 0000 GPIOC_PPMODE $9 Push-Pull Mode Register 0 x 07FF GPIOC_RAWDATA $A Raw Data Input Register — Table 4-32 GPIOD Registers Address Map (GPIOD_BASE = $00 F320) Register Acronym Address Offset Register Description Reset Value GPIOD_PUR $0 Pull-up Enable Register 0 x 1FFF GPIOD_DR $1 Data Register 0 x 0000 GPIOD_DDR $2 Data Direction Register 0 x 0000 GPIOD_PER $3 Peripheral Enable Register 0 x 1FC0 GPIOD_IAR $4 Interrupt Assert Register 0 x 0000 GPIOD_IENR $5 Interrupt Enable Register 0 x 0000 GPIOD_IPOLR $6 Interrupt Polarity Register 0 x 0000 GPIOD_IPR $7 Interrupt Pending Register 0 x 0000 GPIOD_IESR $8 Interrupt Edge-Sensitive Register 0 x 0000 GPIOD_PPMODE $9 Push-Pull Mode Register 0 x 1FFF GPIOD_RAWDATA $A Raw Data Input Register — |