công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX35 bảng dữ liệu(PDF) 133 Page - Freescale Semiconductor, Inc

tên linh kiện IMX35
Giải thích chi tiết về linh kiện  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 bảng dữ liệu(HTML) 133 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 129Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 130Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 131Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 132Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 133Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 134Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 135Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 136Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 137Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
133
ATA_DATA13
W2
CSI_VSYNC
T14
ATA_DATA14
W1
CSPI1_MISO
V9
ATA_DATA15
T4
CSPI1_MOSI
W9
ATA_DATA2
V5
CSPI1_SCLK
W8
ATA_DATA3
U5
CSPI1_SPI_RDY
T8
ATA_DATA4
Y4
CSPI1_SS0
Y8
ATA_DATA5
W4
CSPI1_SS1
U8
ATA_DATA6
V4
CTS1
R3
CTS2
G5
FEC_TDATA0
P5
D0
A2
FEC_TDATA1
M4
D1
D4
FEC_TDATA2
M5
D10
D2
FEC_TDATA3
L6
D11
E6
FEC_TX_CLK
P4
D12
E3
FEC_TX_EN
T1
D13
F5
FEC_TX_ERR
N4
D14
D1
FSR
K5
D15
E2
FST
J1
D2
B2
FUSE_VDD
P13
D3
E5
FUSE_VSS
M11
D3_CLS
L17
GPIO1_0
T11
D3_DRDY
L20
GPIO1_1
Y11
D3_FPSHIFT
L15
GPIO2_0
U11
D3_HSYNC
L18
GPIO3_0
V11
D3_REV
M17
HCKR
K2
D3_SPL
M18
HCKT
J5
D3_VSYNC
M19
I2C1_CLK
M20
D4
C3
I2C1_DAT
N17
D5
B1
I2C2_CLK
L3
D6
D3
I2C2_DAT
M1
D7
C2
LBA
D20
D8
C1
LD0
F20
D9
E4
LD1
G18
DE_B
W19
LD10
H20
DQM0
B19
LD11
J18
DQM1
D17
LD12
J16
DQM2
D16
LD13
J19
DQM3
C18
LD14
J17
EB0
F18
LD15
J20
EB1
F16
LD16
K14
ECB
D19
LD17
K19
EXT_ARMCLK
V8
LD18
K18
EXTAL_AUDIO
W20
LD19
K20
EXTAL24M
T20
LD2
G17
FEC_COL
P3
LD20
K16
FEC_CRS
N5
LD21
K17
FEC_MDC
R1
LD22
K15
Table 90. Silicon Revision 2.0 Signal Ball Map Locations (continued)
Signal ID
Ball Location
Signal ID
Ball Location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More