| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IMX35 bảng dữ liệu(PDF) 99 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
IMX35 bảng dữ liệu(HTML) 99 Page - Freescale Semiconductor, Inc |
|
99 / 148 page ![]() i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6 Freescale Semiconductor 99 Figure 72 depicts write 0 sequence timing, and Table 61 lists the timing parameters. Figure 72. Write 0 Sequence Timing Diagram Figure 73 shows write 1 sequence timing, and Figure 74 depicts the read sequence timing. Table 62 lists the timing parameters. Figure 73. Write 1 Sequence Timing Diagram Figure 74. Read Sequence Timing Diagram 4.9.17 Parallel ATA Module AC Electrical Specifications The parallel ATA module can work on PIO/multiword DMA/ultra-DMA transfer modes. Each transfer mode has a different data transfer rate, Ultra DMA mode 4 data transfer rate is up to 100 MBps. Table 61. WR0 Sequence Timing Parameters ID Parameter Symbol Min. Typ. Max. Units OW5 Write 0 low time tWR0_low 60 100 120 µs OW6 Transmission time slot tSLOT OW5 117 120 µs Table 62. WR1/RD Timing Parameters ID Parameter Symbol Min. Typ. Max. Units OW7 Write 1/read low time tLOW1 1 5 15 µs OW8 Transmission time slot tSLOT 60 117 120 µs OW9 Release time tRELEASE 15 — 45 µs OW5 OW6 1-Wire bus (BATT_LINE) OW7 OW8 1-Wire bus (BATT_LINE) OW7 OW8 OW9 1-Wire bus (BATT_LINE) |