| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MFRC522 bảng dữ liệu(PDF) 94 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFRC522 bảng dữ liệu(HTML) 94 Page - NXP Semiconductors |
|
94 / 96 page ![]() MFRC522_33 © NXP B.V. 2009. All rights reserved. Product data sheet PUBLIC Rev. 3 — 26 October 2009 112133 94 of 96 continued >> NXP Semiconductors MFRC522 Contactless reader IC 26. Figures Fig 1. Simplified block diagram of the MFRC522. . . . . . .3 Fig 2. Detailed block diagram of the MFRC522 . . . . . . . .4 Fig 3. Pinning configuration HVQFN32 (SOT617-1) . . . .5 Fig 4. MFRC522 Read/Write mode . . . . . . . . . . . . . . . . .7 Fig 5. ISO/IEC 14443 A/MIFARE Read/Write mode communication diagram . . . . . . . . . . . . . . . . . . . . .7 Fig 6. Data coding and framing according to ISO/IEC 14443 A . . . . . . . . . . . . . . . . . . . . . . . . . .8 Fig 7. SPI connection to host . . . . . . . . . . . . . . . . . . . . . .9 Fig 8. UART connection to microcontrollers. . . . . . . . . .10 Fig 9. UART read data timing diagram. . . . . . . . . . . . . .12 Fig 10. UART write data timing diagram . . . . . . . . . . . . .14 Fig 11. I2C-bus interface . . . . . . . . . . . . . . . . . . . . . . . . .15 Fig 12. Bit transfer on the I2C-bus . . . . . . . . . . . . . . . . . .16 Fig 13. START and STOP conditions. . . . . . . . . . . . . . . .16 Fig 14. Acknowledge on the I2C-bus . . . . . . . . . . . . . . . .17 Fig 15. Data transfer on the I2C-bus . . . . . . . . . . . . . . . .17 Fig 16. First byte following the START procedure . . . . . .18 Fig 17. Register read and write access . . . . . . . . . . . . . .19 Fig 18. I2C-bus HS mode protocol switch . . . . . . . . . . . .20 Fig 19. I2C-bus HS mode protocol frame . . . . . . . . . . . . .21 Fig 20. Serial data switch for p-driver TX1 and TX2 . . . .25 Fig 21. Overview of MFIN and MFOUT signal routing . . .26 Fig 22. Quartz crystal connection . . . . . . . . . . . . . . . . . .31 Fig 23. Oscillator start-up time. . . . . . . . . . . . . . . . . . . . .32 Fig 24. Pin RX input voltage range . . . . . . . . . . . . . . . . .75 Fig 25. Timing diagram for SPI . . . . . . . . . . . . . . . . . . . .76 Fig 26. Timing for Fast and Standard mode devices on the I2C-bus . . . . . . . . . . . . . . . . . . . . . . . . . . .77 Fig 27. Typical application diagram . . . . . . . . . . . . . . . . .78 Fig 28. Output test signals TestDAC1 on pin AUX1 and TestDAC2 on pin AUX2 . . . . . . . . . . . . . . . . . . . .81 Fig 29. Output test signals Corr1 on pin AUX1 and MinLevel on pin AUX2 . . . . . . . . . . . . . . . . . . . . .82 Fig 30. Output ADC channel I on pin AUX1 and ADC channel Q on pin AUX2 . . . . . . . . . . . . . . . . . . . .82 Fig 31. Output RxActive on pin AUX1 and TxActive on pin AUX2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . .83 Fig 32. Received data stream on pins AUX1 and AUX2 .84 Fig 33. Package outline SOT617-1 (HVQFN32) . . . . . . .85 Fig 34. Packing information 1 tray . . . . . . . . . . . . . . . . . .86 |