| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MFRC522 bảng dữ liệu(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFRC522 bảng dữ liệu(HTML) 17 Page - NXP Semiconductors |
|
17 / 96 page ![]() MFRC522_33 © NXP B.V. 2009. All rights reserved. Product data sheet PUBLIC Rev. 3 — 26 October 2009 112133 17 of 96 NXP Semiconductors MFRC522 Contactless reader IC 8.1.4.4 Acknowledge An acknowledge must be sent at the end of one data byte. The acknowledge-related clock pulse is generated by the master. The transmitter of data, either master or slave, releases the SDA line (HIGH) during the acknowledge clock pulse. The receiver pulls down the SDA line during the acknowledge clock pulse so that it remains stable LOW during the HIGH period of this clock pulse. The master can then generate either a STOP (P) condition to stop the transfer or a repeated START (Sr) condition to start a new transfer. A master-receiver indicates the end of data to the slave-transmitter by not generating an acknowledge on the last byte that was clocked out by the slave. The slave-transmitter releases the data line to allow the master to generate a STOP (P) or repeated START (Sr) condition. Fig 14. Acknowledge on the I2C-bus mbc602 S START condition 9 8 2 1 clock pulse for acknowledgement not acknowledge acknowledge data output by transmitter data output by receiver SCL from master Fig 15. Data transfer on the I2C-bus msc608 Sr or P SDA Sr P SCL STOP or repeated START condition S or Sr START or repeated START condition 1 2 3 - 8 9 ACK 9 ACK 78 12 MSB acknowledgement signal from slave byte complete, interrupt within slave clock line held LOW while interrupts are serviced acknowledgement signal from receiver |