| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MFRC522 bảng dữ liệu(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFRC522 bảng dữ liệu(HTML) 26 Page - NXP Semiconductors |
|
26 / 96 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx Remark: Pins MFIN and MFOUT have a dedicated supply on pin SVDD with the ground on pin PVSS. If pin MFIN is not used it must be connected to either pin SVDD or pin PVSS. If pin SVDD is not used it must be connected to either pin DVDD, pin PVDD or any other voltage supply pin. Fig 21. Overview of MFIN and MFOUT signal routing 001aak594 MILLER CODER MFOutSel[3:0] UART Sel[1:0] MFOUT MFIN TX bit stream DIGITAL MODULE MFRC522 ANALOG MODULE MFRC522 RX bit stream 0 1 2 3 4 5 6 7 3-state LOW HIGH test bus internal envelope TX serial data stream reserved RX serial data stream MANCHESTER DECODER SUBCARRIER DEMODULATOR DRIVER Sel[1:0] 0 1 2 3 3-state internal envelope HIGH envelope from pin MFIN 0 1 2 3 LOW Manchester with subcarrier internal modulated NRZ coding without subcarrier (> 106 kBd) MODULATOR DRIVER TX2 TX1 RX DEMODULATOR |