công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS3106 bảng dữ liệu(PDF) 9 Page - Maxim Integrated Products

tên linh kiện DS3106
Giải thích chi tiết về linh kiện  Line Card Timing IC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3106 bảng dữ liệu(HTML) 9 Page - Maxim Integrated Products

Back Button DS3106 Datasheet HTML 5Page - Maxim Integrated Products DS3106 Datasheet HTML 6Page - Maxim Integrated Products DS3106 Datasheet HTML 7Page - Maxim Integrated Products DS3106 Datasheet HTML 8Page - Maxim Integrated Products DS3106 Datasheet HTML 9Page - Maxim Integrated Products DS3106 Datasheet HTML 10Page - Maxim Integrated Products DS3106 Datasheet HTML 11Page - Maxim Integrated Products DS3106 Datasheet HTML 12Page - Maxim Integrated Products DS3106 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 87 page
background image
____________________________________________________________________________________________ DS3106
19-4629; Rev 3; 5/09
9 of 87
5. Detailed Features
5.1
Input Clock Features
Two programmable-frequency CMOS/TTL input clocks
Input clocks accept any multiple of 2kHz up to 125MHz
All input clocks are constantly monitored by programmable activity monitors
5.2
DPLL Features
High-resolution DPLL plus three low-jitter output APLLs
Sophisticated state machine automatically transitions between free-run, locked, and holdover states
Programmable bandwidth from 18Hz to 400Hz
Separately configurable acquisition bandwidth and locked bandwidth
Programmable damping factor to balance lock time with peaking: 1.2, 2.5, 5, 10, or 20
Multiple phase detectors: phase/frequency, early/late, and multicycle
Phase/frequency locking (
360 capture) or nearest edge phase locking (180 capture)
Multicycle phase detection and locking (up to
8191UI) improves jitter tolerance and lock time
High-resolution frequency and phase measurement
Holdover frequency averaging over 1 second interval
Fast detection of input clock failure and transition to holdover mode
Low-jitter frame sync (8kHz) and multiframe sync (2kHz) aligned with output clocks
5.3
Output APLL Features
Three separate clock-multiplying, jitter attenuating APLLs can simultaneously produce SONET/SDH rates,
Fast/Gigabit Ethernet rates, and 10G Ethernet rates, all locked to a common reference clock
The T0 APLL has frequency options suitable for N x 19.44MHz, N x DS1, N x E1, N x 25MHz, and
N x 62.5MHz
The T4 APLL has frequency options suitable for N x 19.44MHz, N x DS1, N x E1, N x DS2, DS3, E3,
N x 10MHz, N x 10.24MHz, N x 13MHz, N x 25MHz, and N x 62.5MHz
The T0 APLL2 produces 312.5MHz for 10G Synchronous Ethernet applications
5.4
Output Clock Features
Two output clocks: one CMOS/TTL (≤ 125MHz) and one LVDS/LVPECL (≤ 312.50MHz)
Output clock rates include 2kHz, 8kHz, N x DS1, N x E1, DS2, DS3, E3, 6.48MHz, 19.44MHz, 38.88MHz,
51.84MHz, 77.76MHz, 155.52MHz, 311.04MHz, 2.5MHz, 25MHz, 125MHz, 156.25MHz, 312.50MHz,
10MHz, 10.24MHz, 13MHz, 30.72MHz, and various multiples and submultiples of these rates
Custom clock rates also available: any multiple of 2kHz up to 77.76MHz, any multiple of 8kHz up to 311.04MHz,
and any multiple of 10kHz up to 388.79MHz
All outputs have < 1ns peak-to-peak output jitter; outputs from APLLs have < 0.5ns peak-to-peak
8kHz frame-sync and 2kHz multiframe-sync outputs have programmable polarity and pulse width, and can
be disciplined by a 2kHz or 8kHz sync input
5.5
General Features
Operates from a single external 12.800MHz local oscillator (XO or TCXO)
SPI serial microprocessor interface
Four general-purpose I/O pins
Register set can be write protected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com