công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZHHT bảng dữ liệu(PDF) 102 Page - Texas Instruments

tên linh kiện TMS320C28343ZHHT
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT bảng dữ liệu(HTML) 102 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 98Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 99Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 100Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 101Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 102Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 103Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 104Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 105Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 153 page
background image
6.4
Current Consumption
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
Delfino Microcontrollers
SPRS516 – MARCH 2009
www.ti.com
Table 6-1. TMS320C28346/C28344/C28342 Current Consumption by Power-Supply Pins at 300-MHz
SYSCLKOUT
IDD
IDDIO
(1)
IDD18
MODE
TEST CONDITIONS
25
°C
105
°C
25
°C
105
°C
25
°C
105
°C
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
The following peripheral
clocks are enabled:
•
ePWM1/2/3/4/5/6/7/8/9
•
eCAP1/2/3
•
eQEP1/2/3
•
eCAN-A
•
SCI-A/B (FIFO mode)
•
SPI-A (FIFO mode)
•
McBSP-A
Typical
208 mA
353 mA
46 mA
50 mA
39 mA
33 mA
•
I2C
Operational
•
XINTF
•
DMA
•
CPU Timer 0/1/2
All PWM pins are toggled at
300 kHz.
All I/O pins are left
unconnected. XCLKOUT is
turned off. Pullups on output
pins and XINTF pns are
disabled.
(2)
XCLKOUT is turned off.
IDLE
82 mA
211 mA
12 mA
14 mA
40 mA
33 mA
Peripheral clocks are off.
STANDBY
Peripheral clocks are off.
21 mA
145 mA
11 mA
14 mA
40 mA
34 mA
Peripheral clocks are off.
HALT
20 mA
140 mA
11 mA
13 mA
20
µA
540
µA
Input clock is disabled.
(3)
(1)
IDDIO current is dependent on the electrical loading on the I/O pins.
(2)
The following is done in a loop:
•
Data is continuously transmitted out of the SCI-A, SCI-B, SPI-A, McBSP-A, and eCAN-A ports.
•
Floating-point multiplication and addition are performed.
•
Watchdog is reset.
•
32-bit read/write of the XINTF is performed.
•
DMA channels 1 and 2 transfer data from SARAM to SARAM.
•
GPIO19 is toggled.
(3)
If a quartz crystal or ceramic resonator is used as the clock source, the HALT mode shuts down the internal oscillator.
NOTE
The peripheral - I/O multiplexing implemented in the device prevents all available
peripherals from being used at the same time. This is because more than one peripheral
function may share an I/O pin. It is, however, possible to turn on the clocks to all the
peripherals at the same time, although such a configuration is not useful. If this is done,
the current drawn by the device will be more than the numbers specified in the current
consumption tables.
Electrical Specifications
102
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com