công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZHHT bảng dữ liệu(PDF) 87 Page - Texas Instruments

tên linh kiện TMS320C28343ZHHT
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT bảng dữ liệu(HTML) 87 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 83Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 84Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 85Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 86Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 87Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 88Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 89Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 90Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 153 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
Delfino Microcontrollers
www.ti.com
SPRS516 – MARCH 2009
The device supports 88 GPIO pins. The GPIO control and data registers are mapped to Peripheral
Frame 1 to enable 32-bit operations on the registers (along with 16-bit operations). Table 4-16 shows the
GPIO register mapping.
Table 4-16. GPIO Registers
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
GPIO CONTROL REGISTERS (EALLOW PROTECTED)
GPACTRL
0x6F80
2
GPIO A Control Register (GPIO0 to 31)
GPAQSEL1
0x6F82
2
GPIO A Qualifier Select 1 Register (GPIO0 to 15)
GPAQSEL2
0x6F84
2
GPIO A Qualifier Select 2 Register (GPIO16 to 31)
GPAMUX1
0x6F86
2
GPIO A MUX 1 Register (GPIO0 to 15)
GPAMUX2
0x6F88
2
GPIO A MUX 2 Register (GPIO16 to 31)
GPADIR
0x6F8A
2
GPIO A Direction Register (GPIO0 to 31)
GPAPUD
0x6F8C
2
GPIO A Pull Up Disable Register (GPIO0 to 31)
Reserved
0x6F8E – 0x6F8F
2
GPBCTRL
0x6F90
2
GPIO B Control Register (GPIO32 to 35)
GPBQSEL1
0x6F92
2
GPIO B Qualifier Select 1 Register (GPIO32 to 35)
GPBQSEL2
0x6F94
2
Reserved
GPBMUX1
0x6F96
2
GPIO B MUX 1 Register (GPIO32 to 35)
GPBMUX2
0x6F98
2
GPIO B MUX 2 Register (GPIO48 to 63)
GPBDIR
0x6F9A
2
GPIO B Direction Register (GPIO32 to 35)
GPBPUD
0x6F9C
2
GPIO B Pull Up Disable Register (GPIO32 to 35)
Reserved
0x6F9E – 0x6FA5
8
GPCMUX1
0x6FA6
2
GPIO C MUX1 Register (GPIO64 to 79)
GPCMUX2
0x6FA8
2
GPIO C MUX2 Register (GPIO80 to 87)
GPCDIR
0x6FAA
2
GPIO C Direction Register (GPIO64 to 87)
GPCPUD
0x6FAC
2
GPIO C Pull Up Disable Register (GPIO64 to 87)
Reserved
0x6FAE – 0x6FBF
18
GPIO DATA REGISTERS (NOT EALLOW PROTECTED)
GPADAT
0x6FC0
2
GPIO A Data Register (GPIO0 to 31)
GPASET
0x6FC2
2
GPIO A Data Set Register (GPIO0 to 31)
GPACLEAR
0x6FC4
2
GPIO A Data Clear Register (GPIO0 to 31)
GPATOGGLE
0x6FC6
2
GPIO A Data Toggle Register (GPIO0 to 31)
GPBDAT
0x6FC8
2
GPIO B Data Register (GPIO32 to 35)
GPBSET
0x6FCA
2
GPIO B Data Set Register (GPIO32 to 35)
GPBCLEAR
0x6FCC
2
GPIO B Data Clear Register (GPIO32 to 35)
GPBTOGGLE
0x6FCE
2
GPIOB Data Toggle Register (GPIO32 to 35)
GPCDAT
0x6FD0
2
GPIO C Data Register (GPIO64 to 87)
GPCSET
0x6FD2
2
GPIO C Data Set Register (GPIO64 to 87)
GPCCLEAR
0x6FD4
2
GPIO C Data Clear Register (GPIO64 to 87)
GPCTOGGLE
0x6FD6
2
GPIO C Data Toggle Register (GPIO64 to 87)
Reserved
0x6FD8 0x6FDF
8
GPIO INTERRUPT AND LOW POWER MODES SELECT REGISTERS (EALLOW PROTECTED)
GPIOXINT1SEL
0x6FE0
1
XINT1 GPIO Input Select Register (GPIO0 to 31)
GPIOXINT2SEL
0x6FE1
1
XINT2 GPIO Input Select Register (GPIO0 to 31)
GPIOXNMISEL
0x6FE2
1
XNMI GPIO Input Select Register (GPIO0 to 31)
GPIOXINT3SEL
0x6FE3
1
XINT3 GPIO Input Select Register (GPIO32 to 63)
GPIOXINT4SEL
0x6FE4
1
XINT4 GPIO Input Select Register (GPIO32 to 63)
GPIOXINT5SEL
0x6FE5
1
XINT5 GPIO Input Select Register (GPIO32 to 63)
Submit Documentation Feedback
Peripherals
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com