công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZHHT bảng dữ liệu(PDF) 79 Page - Texas Instruments

tên linh kiện TMS320C28343ZHHT
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT bảng dữ liệu(HTML) 79 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 75Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 76Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 77Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 78Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 79Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 80Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 81Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 82Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 153 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
Delfino Microcontrollers
www.ti.com
SPRS516 – MARCH 2009
The SCI port operation is configured and controlled by the registers listed in Table 4-10, Table 4-11, and
Table 4-12.
Table 4-10. SCI-A Registers(1)
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
SCICCRA
0x7050
1
SCI-A Communications Control Register
SCICTL1A
0x7051
1
SCI-A Control Register 1
SCIHBAUDA
0x7052
1
SCI-A Baud Register, High Bits
SCILBAUDA
0x7053
1
SCI-A Baud Register, Low Bits
SCICTL2A
0x7054
1
SCI-A Control Register 2
SCIRXSTA
0x7055
1
SCI-A Receive Status Register
SCIRXEMUA
0x7056
1
SCI-A Receive Emulation Data Buffer Register
SCIRXBUFA
0x7057
1
SCI-A Receive Data Buffer Register
SCITXBUFA
0x7059
1
SCI-A Transmit Data Buffer Register
SCIFFTXA(2)
0x705A
1
SCI-A FIFO Transmit Register
SCIFFRXA(2)
0x705B
1
SCI-A FIFO Receive Register
SCIFFCTA(2)
0x705C
1
SCI-A FIFO Control Register
SCIPRIA
0x705F
1
SCI-A Priority Control Register
(1)
Registers in this table are mapped to Peripheral Frame 2 space. This space only allows 16-bit accesses. 32-bit accesses produce
undefined results.
(2)
These registers are new registers for the FIFO mode.
Table 4-11. SCI-B Registers(1) (2)
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
SCICCRB
0x7750
1
SCI-B Communications Control Register
SCICTL1B
0x7751
1
SCI-B Control Register 1
SCIHBAUDB
0x7752
1
SCI-B Baud Register, High Bits
SCILBAUDB
0x7753
1
SCI-B Baud Register, Low Bits
SCICTL2B
0x7754
1
SCI-B Control Register 2
SCIRXSTB
0x7755
1
SCI-B Receive Status Register
SCIRXEMUB
0x7756
1
SCI-B Receive Emulation Data Buffer Register
SCIRXBUFB
0x7757
1
SCI-B Receive Data Buffer Register
SCITXBUFB
0x7759
1
SCI-B Transmit Data Buffer Register
SCIFFTXB(2)
0x775A
1
SCI-B FIFO Transmit Register
SCIFFRXB(2)
0x775B
1
SCI-B FIFO Receive Register
SCIFFCTB(2)
0x775C
1
SCI-B FIFO Control Register
SCIPRIB
0x775F
1
SCI-B Priority Control Register
(1)
Registers in this table are mapped to Peripheral Frame 2 space. This space only allows 16-bit accesses. 32-bit accesses produce
undefined results.
(2)
These registers are new registers for the FIFO mode.
Table 4-12. SCI-C Registers(1) (2)
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
SCICCRC
0x7770
1
SCI-C Communications Control Register
SCICTL1C
0x7771
1
SCI-C Control Register 1
SCIHBAUDC
0x7772
1
SCI-C Baud Register, High Bits
SCILBAUDC
0x7773
1
SCI-C Baud Register, Low Bits
SCICTL2C
0x7774
1
SCI-C Control Register 2
(1)
Registers in this table are mapped to Peripheral Frame 2 space. This space only allows 16-bit accesses. 32-bit accesses produce
undefined results.
(2)
These registers are new registers for the FIFO mode.
Submit Documentation Feedback
Peripherals
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com