công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZHHT bảng dữ liệu(PDF) 84 Page - Texas Instruments

tên linh kiện TMS320C28343ZHHT
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT bảng dữ liệu(HTML) 84 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 80Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 81Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 82Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 83Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 84Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 85Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 86Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 87Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 153 page
background image
4.11 Inter-Integrated Circuit (I2C)
SYSRS
Data[16]
SYSCLKOUT
Data[16]
Addr[16]
Control
I2CINT1A
I2CINT2A
C28X CPU
GPIO
MUX
I2C−A
System Control
Block
I2CAENCLK
PIE
Block
SDAA
SCLA
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
Delfino Microcontrollers
SPRS516 – MARCH 2009
www.ti.com
The device contains one I2C Serial Port. Figure 4-15 shows how the I2C peripheral module interfaces
within the device.
A.
The I2C registers are accessed at the SYSCLKOUT rate. The internal timing and signal waveforms of the I2C port are
also at the SYSCLKOUT rate.
B.
The clock enable bit (I2CAENCLK) in the PCLKCR0 register turns off the clock to the I2C port for low power
operation. Upon reset, I2CAENCLK is clear, which indicates the peripheral internal clocks are off.
Figure 4-15. I2C Peripheral Module Interfaces
The I2C module has the following features:
• Compliance with the Philips Semiconductors I2C-bus specification (version 2.1):
–
Support for 1-bit to 8-bit format transfers
–
7-bit and 10-bit addressing modes
–
General call
–
START byte mode
–
Support for multiple master-transmitters and slave-receivers
–
Support for multiple slave-transmitters and master-receivers
–
Combined master transmit/receive and receive/transmit mode
–
Data transfer rate of from 10 kbps up to 400 kbps (Philips Fast-mode rate)
• One 16-word receive FIFO and one 16-word transmit FIFO
• One interrupt that can be used by the CPU. This interrupt can be generated as a result of one of the
following conditions:
–
Transmit-data ready
–
Receive-data ready
–
Register-access ready
–
No-acknowledgment received
Peripherals
84
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com