| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320C28343ZHHT bảng dữ liệu(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C28343ZHHT bảng dữ liệu(HTML) 24 Page - Texas Instruments |
|
24 / 153 page ![]() TMS320C28346, TMS320C28345, TMS320C28344 TMS320C28343, TMS320C28342, TMS320C28341 Delfino Microcontrollers SPRS516 – MARCH 2009 www.ti.com Table 2-2. Signal Descriptions (continued) ZHH ZFE NAME DESCRIPTION BALL # BALL # GPIO20 General purpose input/output 20 (I/O/Z) EQEP1A Enhanced QEP1 input A (I) L4 R4 MDXA McBSP-A transmit serial data (O) CANTXB Enhanced CAN-B transmit (O) GPIO21 General purpose input/output 21 (I/O/Z) EQEP1B Enhanced QEP1 input B (I) M4 T5 MDRA McBSP-A receive serial data (I) CANRXB Enhanced CAN-B receive (I) GPIO22 General purpose input/output 22 (I/O/Z) EQEP1S Enhanced QEP1 strobe (I/O) N4 R5 MCLKXA McBSP-A transmit clock (I/O) SCITXDB SCI-B transmit (O) GPIO23 General purpose input/output 23 (I/O/Z) EQEP1I Enhanced QEP1 index (I/O) P4 P5 MFSXA McBSP-A transmit frame synch (I/O) SCIRXDB SCI-B receive (I) GPIO24 General purpose input/output 24 (I/O/Z) ECAP1 Enhanced capture 1 (I/O) P5 T6 EQEP2A Enhanced QEP2 input A (I) MDXB McBSP-B transmit serial data (O) GPIO25 General purpose input/output 25 (I/O/Z) ECAP2 Enhanced capture 2 (I/O) M5 R6 EQEP2B Enhanced QEP2 input B (I) MDRB McBSP-B receive serial data (I) GPIO26 General purpose input/output 26 (I/O/Z) ECAP3 Enhanced capture 3 (I/O) K6 P6 EQEP2I Enhanced QEP2 index (I/O) MCLKXB McBSP-B transmit clock (I/O) GPIO27 General purpose input/output 27 (I/O/Z) ECAP4 Enhanced capture 4 (I/O) M6 T7 EQEP2S Enhanced QEP2 strobe (I/O) MFSXB McBSP-B transmit frame synch (I/O) GPIO28 General purpose input/output 28 (I/O/Z) SCIRXDA A12 B13 SCI receive data (I) XZCS6 External Interface zone 6 chip select (O) GPIO29 General purpose input/output 29. (I/O/Z) SCITXDA C3 D1 SCI transmit data (O) XA19 External Interface Address Line 19 (O) GPIO30 General purpose input/output 30 (I/O/Z) CANRXA C2 C2 Enhanced CAN-A receive (I) XA18 External Interface Address Line 18 (O) GPIO31 General purpose input/output 31 (I/O/Z) CANTXA B2 B3 Enhanced CAN-A transmit (O) XA17 External Interface Address Line 17 (O) GPIO32 General purpose input/output 32 (I/O/Z) SDAA I2C data open-drain bidirectional port (I/OD) P6 R7 EPWMSYNCI Enhanced PWM external sync pulse input (I) ADCSOCAO ADC start-of-conversion A (O) GPIO33 General-Purpose Input/Output 33 (I/O/Z) SCLA I2C clock open-drain bidirectional port (I/OD) N6 P7 EPWMSYNCO Enhanced PWM external synch pulse output (O) ADCSOCBO ADC start-of-conversion B (O) GPIO34 General-Purpose Input/Output 34 (I/O/Z) ECAP1 A13 B14 Enhanced Capture input/output 1 (I/O) XREADY External Interface Ready signal GPIO35 General-Purpose Input/Output 35 (I/O/Z) SCITXDA B13 C15 SCI-A transmit data (O) XR/W External Interface read, not write strobe Introduction 24 Submit Documentation Feedback |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |