công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZHHT bảng dữ liệu(PDF) 101 Page - Texas Instruments

tên linh kiện TMS320C28343ZHHT
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT bảng dữ liệu(HTML) 101 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 97Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 98Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 99Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 100Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 101Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 102Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 103Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 104Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 153 page
background image
6.2
Recommended Operating Conditions
6.3
Electrical Characteristics
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
Delfino Microcontrollers
www.ti.com
SPRS516 – MARCH 2009
MIN
NOM
MAX
UNIT
Device supply voltage, I/O, VDDIO
3.14
3.3
3.46
V
300-MHz devices
1.14
1.2
1.26
V
Device supply voltage CPU, VDD
200-MHz devices
1.05
1.1
1.16
V
Supply ground, VSS, VSSIO
0
V
Oscillator supply ground, VSSK
0
V
PLL/oscillator supply, VDD18
1.71
1.8
1.89
V
Device clock frequency (system clock),
C28346/C28344/C28342
2
300
fSYSCLKOUT
(VDD = 1.2 V ± 5%)
MHz
C28345/C28343/C28341
2
200
(VDD = 1.1 V ± 5%)
High-level input voltage, VIH (3.3 V)
2
VDDIO
V
High-level input voltage, VIH (1.8 V)
0.7 * VDD18
V
Low-level input voltage, VIL (3.3 V)
0.8
V
Low-level input voltage, VIL (1.8 V)
0.3 * VDD18
V
High-level output source current, VOH = 2.4 V, IOH All I/Os
– 4
mA
Low-level output sink current, VOL = VOL MAX,
All I/Os
4
mA
IOL
Junction temperature, TJ
(1)
T version
– 40
105
°C
(1)
TA (Ambient temperature) is product- and application-dependent and can go up to the specified TJ max of the device. See Section 6.5,
Thermal Design Considerations.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = IOHMAX
2.4
VOH
High-level output voltage
V
IOH = 50 µA
VDDIO – 0.2
VOL
Low-level output voltage
IOL = IOLMAX
0.4
V
Pin with pullup
VDDIO = 3.3 V, VIN = 0 V
All I/Os (including XRS)
–190
–130
enabled
Input current
IIL
µA
(low level)
Pin with pulldown
VDDIO = 3.3 V, VIN = 0 V
±15
enabled
Pin with pullup
VDDIO = 3.3 V, VIN = VDDIO
±3
enabled
Input current
IIH
µA
(high level)
Pin with pulldown
VDDIO = 3.3 V, VIN = VDDIO
100
175
enabled
Output current, pullup or
IOZ
VO = VDDIO or 0 V
±15
µA
pulldown disabled
CI
Input capacitance
2
pF
Submit Documentation Feedback
Electrical Specifications
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com