công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM5310PAPR bảng dữ liệu(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCM5310PAPR
Giải thích chi tiết về linh kiện  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR bảng dữ liệu(HTML) 50 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 46Page - Texas Instruments PCM5310PAPR Datasheet HTML 47Page - Texas Instruments PCM5310PAPR Datasheet HTML 48Page - Texas Instruments PCM5310PAPR Datasheet HTML 49Page - Texas Instruments PCM5310PAPR Datasheet HTML 50Page - Texas Instruments PCM5310PAPR Datasheet HTML 51Page - Texas Instruments PCM5310PAPR Datasheet HTML 52Page - Texas Instruments PCM5310PAPR Datasheet HTML 53Page - Texas Instruments PCM5310PAPR Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 103 page
background image
Registers 24-26 (18h-1Ah)
Register 27 (1Bh)
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
24
18h
Analog output mux selection for line output 1
AL1R[3:0]
AL1L[3:0]
25
19h
Analog output mux selection for line output 2
AL2R[3:0]
AL2L[3:0]
26
1Ah
Analog output mux selection for headphone output
AHPR[3:0]
AHPL[3:0]
AL1R[3:0]: Analog Output Mux Selection for Line Output 1, R-Channel
AL1L[3:0]: Analog Output Mux Selection for Line Output 1, L-Channel
AL2R[3:0]: Analog Output Mux Selection for Line Output 2, R-Channel
AL2L[3:0]: Analog Output Mux Selection for Line Output 2, L-Channel
AHPR[3:0]: Analog Output Mux Selection for Headphone Output, R-Channel
AHPL[3:0]: Analog Output Mux Selection for Headphone Output, L-Channel
Analog outputs LO1L/LO1R, LO2L/LO2R, and HPOL/HPOR can be selected as one of all the analog inputs and
DAC outputs; see Figure 29 for details.
Default value: 0000
0000
No connection (default)
0001
AIN1L or AIN1R
0010
AIN2L or AIN2R
0011
AIN3L or AIN3R
0100
AIN4L or AIN4R
0101
AIN5L or AIN5R
0110
AIN6L or AIN6R
0111
DAC12-L-channel or DAC12-R-channel
1000
DAC34-L-channel or DAC34-R-channel
Others
Reserved
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
27
1Bh
Gain control for line output
GL2R[1:0]
GL2L[1:0]
GL1R[1:0]
GL1L[1:0]
GL2R[1:0]: Gain Control for Line Output 2, R-Channel
GL2L[1:0]: Gain Control for Line Output 2, L-Channel
GL1R[1:0]: Gain Control for Line Output 1, R-Channelt
GL1L[1:0]: Gain Control for Line Output 1, L-Channel
The gain level for line outputs LO1L, LO1R, LO2L, and LO2R can be each be selected as 0 dB, –0.5 dB, or –1.0
dB.
Default value: 00
00
0 dB (default)
01
–0.5 dB
10
–1.0 dB
11
0 dB when selecting analog input to line output
50
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com