| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OMAP3530-HiRel bảng dữ liệu(PDF) 96 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530-HiRel bảng dữ liệu(HTML) 96 Page - Texas Instruments |
|
96 / 239 page ![]() OMAP3525-HiRel and OMAP3530-HiRel Applications Processors SPRS599 – JUNE 2009 www.ti.com This section includes the maximum power consumption for each power domain (core, IVA2, etc.). Table 3-2 summarizes the power consumption at the ball level. Table 3-2. Estimated Maximum Power Consumption At Ball Level PARAMETER MAX MAX UNIT ( T = 90 °C) ( T = 105 °C) Signal Description = vdd_mpu_iva Processors OMAP3525/30 (SmartReflex™ Enabled) 1137 1209 mA OMAP35=25/30 (SmartReflex™ 1384 1520 mA Disabled) vdd_core Core OMAP3530 (SmartReflex™ Enabled) 433 490 mA OMAP3530 (SmartReflex™ Disabled) 509 599 mA OMAP3525 (SmartReflex™ Enabled) 328 382 mA OMAP3525(SmartReflex™ Disabled) 378 485 mA vdd_core Core OMAP3515 (SmartReflex™ Enabled) 433 490 mA OMAP3515 (SmartReflex™ Disabled) 509 599 mA OMAP3503 (SmartReflex™ Enabled) 328 382 mA OMAP3503(SmartReflex™ Disabled) 378 485 mA vdda_dac Video DAC 65 65 mA vdss_dpll_dll DLL + DPLL MPU, DSP, and core 25 25 mA vdds_dpll_per DPLL peripheral 1 and peripheral 2 15 15 mA mA vdds_sram Processors and core LDO (LDO1 and LDO2) 41 41 mA vdds_wkup_bg Bandgap, wakeup + LDO, EMU off 6 6 mA vdds_mem Standard I/Os (SDRC+GPMC) 37 37 vdds Standard I/Os (all excluding SDRC and GPMC) 63 63 mA vdds_mmc1 MMC I/O(1) 20 20 mA vdds_mmc1a Power supply for MMC IO [DAT4 – DAT7] 2 2 mA vpp eFuse 50 50 mA (1) MMC card and I/O card are not included. ELECTRICAL CHARACTERISTICS 96 Submit Documentation Feedback |