| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OMAP3530-HiRel bảng dữ liệu(PDF) 89 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530-HiRel bảng dữ liệu(HTML) 89 Page - Texas Instruments |
|
89 / 239 page ![]() 2.4.8 Power Supplies OMAP3525-HiRel and OMAP3530-HiRel Applications Processors www.ti.com SPRS599 – JUNE 2009 Table 2-26. Power Supplies Signals Description(1) SIGNAL NAME DESCRIPTION BALL BOTTOM BALL TOP BALL BOTTOM BALL TOP (CBB Pkg.) (CBB Pkg.) (CBC Pkg.) (CBC Pkg.) vdd_mpu_iva ARM/IVA power Y9 / W9 / T9 / R9 / NA H7/ N7/ U7/ V7/ N8/ NA domain M9 / L9 / J9 / Y10 / G9/ L9/ M9/ W9/ Y9/ U10 / T10 / R10 / M10/ P10/ K11/ U11/ N10 / M10 / L10 / V11/ Y11/ G12/ D13/ J10 / Y11 / W11 / U13 K11 / J11 / W12 / K13 / Y14 / K14 / J14 / Y15 / W15 / J15 vdd_core Core power domain AC4 / J4 / H4 / D8 / NA M7/ T7/ Y8/ G11/ Y12/ NA AE9 / D9 / D15 / D15/ M17/ G18/ H20/ Y16 / AE18 / Y18 / R20/ AC21 W18 / K18 / J18 / AE19 / Y19 / U19 / T19 / N19 / M19 / J19 / Y20 / W20 / V20 / U20 / P20 / N20 / K20 / J20 / D22 / D23 / AE24 / M25 / L25 / E25 cap_vdd_wkup Wakeup/EMU/memor AA15 NA NA NA y domains, connect capacitor bg_testout(2) Used for band gap U4 NA D6 NA test vdds_dpll_dll DLL IO power domain K15 NA K13 NA (1.8 V): internal connection to PLL_VDDS, power supply for 3PLL (1.8 V) vpp eFuse programmation G1 NA D5 NA vdda_dac Video DAC power V25 NA V25 NA plane vssa_dac Video DAC ground Y26 NA V24 NA plane vdds IO power plane AD3 / AD4 / W4 / NA G4/ M4/ T4/ Y4/ L7/ - AF8 / AE8 / AF16 / AC7/ D9/ AE10/ C11/ AE16 / AF23 / AE23 J15/ AC15/ A18/ J18/ / F25 / F26 / AG27/ AC18/ AD20/ E24/ L24/ AE27/ AG20/ H28/ T24/ W24/ AC24 AG21 vdds_mem Memory IO power U1 / J1 / F1 / J2 / F2 AC5 / P1 / H1 / F23 plane / R4 / B5 / A5 / AH6 / E1 / C23 / A4 / A7 / / B8 / A8 / B12 / A12 A10 / A15 / A18 / D16 / C16 / B18 / A18 / B22 / A22 / G28 / C28 vdds_dpll_per Peripheral DPLLs AA16 NA U14 NA power rail vdds_wkup_bg For wakeup LDO and AA14 NA W14 NA VDDA (2 LDOs SRAM and BG) (1) NA = Not Applicable. (2) For proper device operation, this pin must be left unconnected. Submit Documentation Feedback TERMINAL DESCRIPTION 89 |