công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 232 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 232 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 228Page - Renesas Technology Corp H8S/2437 Datasheet HTML 229Page - Renesas Technology Corp H8S/2437 Datasheet HTML 230Page - Renesas Technology Corp H8S/2437 Datasheet HTML 231Page - Renesas Technology Corp H8S/2437 Datasheet HTML 232Page - Renesas Technology Corp H8S/2437 Datasheet HTML 233Page - Renesas Technology Corp H8S/2437 Datasheet HTML 234Page - Renesas Technology Corp H8S/2437 Datasheet HTML 235Page - Renesas Technology Corp H8S/2437 Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 746 page
background image
Rev. 1.00, 09/03, page 194 of 704
• P94/HWR
According to the operating mode and the setting of the P94DDR bit, the pin function is
switched as shown below.
Extended Mode (EXPE = 1)
Single-Chip Mode (EXPE = 0)
P94DDR
0
1
Pin function
HWR output pin
P94 input pin
P94 output pin
• P93/RD
According to the operating mode and the setting of the P93DDR bit, the pin function is
switched as shown below.
Extended Mode (EXPE = 1)
Single-Chip Mode (EXPE = 0)
P93DDR
0
1
Pin function
RD output pin
P93 input pin
P93 output pin
• P92/CS1/ExTIOCB2/ExTCLKD
When the TIOCB2/TCLKDS bit in PTCNT2 is set to 1, this pin can be used as the
ExTIOCB2/ExTCLKD2 pin.
According to operating modes, the TPU channel 2 settings by the CS1E bit, the MD3 to MD0
bits in TMDR_2, the IOB3 to IOB0 bits in TIOR_2, and the CCLR1 and CCLR0 bits in
TCR_2, and the combination of the TPSC2 to TPSC0 bits in TCR_0, the TIOCB2/TCLKDS
bit, and the P92DDR bit, the pin function is switched as shown below.
• Extended Mode (EXPE = 1)
CS1E
0
1
TIOCB2/TCLKDS
0
1
TPU channel 2 setting
Table below (2)
Table below (1)
P92DDR
CS1 output pin
ExTIOCB2 input pin*
1
CS1 output pin
Pin function
Single-chip
operation
CS1 output pin
ExTCLKD input pin*
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com