công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 730 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 730 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 726Page - Renesas Technology Corp H8S/2437 Datasheet HTML 727Page - Renesas Technology Corp H8S/2437 Datasheet HTML 728Page - Renesas Technology Corp H8S/2437 Datasheet HTML 729Page - Renesas Technology Corp H8S/2437 Datasheet HTML 730Page - Renesas Technology Corp H8S/2437 Datasheet HTML 731Page - Renesas Technology Corp H8S/2437 Datasheet HTML 732Page - Renesas Technology Corp H8S/2437 Datasheet HTML 733Page - Renesas Technology Corp H8S/2437 Datasheet HTML 734Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 730 / 746 page
background image
Rev. 1.00, 09/03, page 692 of 704
24.5
Flash Memory Characteristics
Table 24.11 lists the flash memory characteristics.
Table 24.11 Flash Memory Characteristics
Condition:
V
CC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, AVref = 3.0 V to AVCC,
V
SS = AVSS = 0 V, Ta = 0°C to +75°C (operating temperature range for
programming/erasing)
Item
Symbol Min.
Typ.
Max.
Unit
Test Conditions
Programming time*
1*2*4
t
P
3
30
ms/128 bytes
Erase time*
1*2*4
t
E
80
800
ms/4 kbytes
500
5000
ms/32 kbytes
1000
10000
ms/64 kbytes
Programming time
(total)*
1*2*4
Σ
tP
5
15
s/256 kbytes
Ta = 25
°C
Erase time (total)*
1*2*4
Σ
tE
5
15
s/256 kbytes
Ta = 25
°C
Programming and erase
time (total)*
1*2*4
Σ
tPE
10
30
s/256 kbytes
Ta = 25
°C
Reprogramming count
N
WEC
100*
3
Times
Data retention time*
4
t
DRP
10
Years
Notes: 1. Programming and erase time depends on the data.
2. Programming and erase time does not include data transfer time.
3. This value indicates the minimum number of which the flash memory is reprogrammed
with all characteristics guaranteed. (The guaranteed value ranges from 1 to the
minimum number.)
4. This value indicates the characteristics while the flash memory is reprogrammed within
the specified range (including the minimum number).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com