công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 734 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 734 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 730Page - Renesas Technology Corp H8S/2437 Datasheet HTML 731Page - Renesas Technology Corp H8S/2437 Datasheet HTML 732Page - Renesas Technology Corp H8S/2437 Datasheet HTML 733Page - Renesas Technology Corp H8S/2437 Datasheet HTML 734Page - Renesas Technology Corp H8S/2437 Datasheet HTML 735Page - Renesas Technology Corp H8S/2437 Datasheet HTML 736Page - Renesas Technology Corp H8S/2437 Datasheet HTML 737Page - Renesas Technology Corp H8S/2437 Datasheet HTML 738Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 734 / 746 page
background image
Rev. 1.00, 09/03, page 696 of 704
Port Name
Pin Name
MCU Operating
Mode
Reset
Hardware
Standby Mode
Software Standby
Mode
Sleep
Mode
Program Execution State
(EXPE = 1)
T
T
H
H
AS/AH, HWR/RD
Ports 95 to 93
AS, AH, HWR,
RD
(EXPE = 0)
Kept
Kept
I/O port
Ports 92 and 91 (EXPE = 1)
T
T
Kept
Kept
I/O port
(EXPE = 0)
I/O port
Port 90
(EXPE = 1)
T
T
H/Kept
H/Kept
LWR/I/O port
LWR
(EXPE = 0)
Kept
Kept
I/O port
Port A
(EXPE = 1)
T
T
Kept
Kept
I/O port
(EXPE = 0)
I/O port
Port B
(EXPE = 1)
T
T
Kept
Kept
I/O port
(EXPE = 0)
Port C
(EXPE = 1)
T
T
Kept
Kept
(EXPE = 0)
I/O port
(PC7 to PC4 are input ports)
[Legend]
H
: High level
L
: Low level
T
: High impedance
Kept
: Input ports are in the high-impedance state (when DDR = 0 and PCR = 1, the input pull-up
MOS remains on).
Output ports retain their previous state.
Depending on the pins, the on-chip peripheral modules may be initialized and the pins
may function as I/O ports determined by DDR and DR.
DDR
: Data direction register
Note:
*
In the case of address output, the last address accessed is retained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com