công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 680 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 680 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 676Page - Renesas Technology Corp H8S/2437 Datasheet HTML 677Page - Renesas Technology Corp H8S/2437 Datasheet HTML 678Page - Renesas Technology Corp H8S/2437 Datasheet HTML 679Page - Renesas Technology Corp H8S/2437 Datasheet HTML 680Page - Renesas Technology Corp H8S/2437 Datasheet HTML 681Page - Renesas Technology Corp H8S/2437 Datasheet HTML 682Page - Renesas Technology Corp H8S/2437 Datasheet HTML 683Page - Renesas Technology Corp H8S/2437 Datasheet HTML 684Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 680 / 746 page
background image
Rev. 1.00, 09/03, page 642 of 704
Register Name
Abbreviation
Number
of Bits
Address Module
Data Bus
Width
Number of
Access
States
Port register 4
PORT4
8
H'FEC4
PORT
8
2
Port register 5
PORT5
8
H'FEC5
PORT
8
2
Port register 6
PORT6
8
H'FEC6
PORT
8
2
Port register 7
PORT7
8
H'FEC7
PORT
8
2
Port register 8
PORT8
8
H'FEC8
PORT
8
2
Port register 9
PORT9
8
H'FEC9
PORT
8
2
Port register A
PORTA
8
H'FECA
PORT
8
2
Port register B
PORTB
8
H'FECB
PORT
8
2
Port register C
PORTC
8
H'FECC
PORT
8
2
Port 1 data register
P1DR
8
H'FED1
PORT
8
2
Port 2 data register
P2DR
8
H'FED2
PORT
8
2
Port 3 data register
P3DR
8
H'FED3
PORT
8
2
Port 4 data register
P4DR
8
H'FED4
PORT
8
2
Port 5 data register
P5DR
8
H'FED5
PORT
8
2
Port 6 data register
P6DR
8
H'FED6
PORT
8
2
Port 8 data register
P8DR
8
H'FED8
PORT
8
2
Port 9 data register
P9DR
8
H'FED9
PORT
8
2
Port A data register
PADR
8
H'FEDA
PORT
8
2
Port B data register
PBDR
8
H'FEDB
PORT
8
2
Port C data register
PCDR
8
H'FEDC
PORT
8
2
Port 1 data direction register
P1DDR
8
H'FEE1
PORT
8
2
Port 2 data direction register
P2DDR
8
H'FEE2
PORT
8
2
Port 3 data direction register
P3DDR
8
H'FEE3
PORT
8
2
Port 4 data direction register
P4DDR
8
H'FEE4
PORT
8
2
Port 5 data direction register
P5DDR
8
H'FEE5
PORT
8
2
Port 6 data direction register
P6DDR
8
H'FEE6
PORT
8
2
Port 8 data direction register
P8DDR
8
H'FEE8
PORT
8
2
Port 9 data direction register
P9DDR
8
H'FEE9
PORT
8
2
Port A data direction register
PADDR
8
H'FEEA
PORT
8
2
Port B data direction register
PBDDR
8
H'FEEB
PORT
8
2
Port C data direction register
PCDDR
8
H'FEEC
PORT
8
2
Port 1 pull-up MOS control register P1PCR
8
H'FEF0
PORT
8
2
Port 2 pull-up MOS control register P2PCR
8
H'FEF1
PORT
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com