| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2437 bảng dữ liệu(PDF) 618 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 bảng dữ liệu(HTML) 618 Page - Renesas Technology Corp |
|
618 / 746 page ![]() Rev. 1.00, 09/03, page 580 of 704 Figure 20.16 shows state transitions to and from the error-protection state. Reset or hardware standby (Hardware protection) Program mode Erase mode Error protection mode Error protection mode (Software standby) Read disabled, programming/erasing enabled, FLER = 0 Read disabled, programming/erasing disabled, FLER = 0 Read enabled, programming/erasing disabled, FLER = 1 Read disabled, programming/erasing disabled, FLER = 1 = 0 or = 0 Error occurred Error occurred (Software standby) = 0 or = 0 Software standby mode Cancel software standby mode = 0 or = 0 Program/erase interface register is in its initial state. Program/erase interface register is in its initial state. Figure 20.16 Transitions to Error Protection State 20.6 Switching between User MAT and User Boot MAT It is possible to switch between the user MAT and user boot MAT. However, the following procedure is required because these MATs are allocated to address 0. (Switching to the user boot MAT disables programming and erasing. Programming of the user boot MAT should take place in boot mode or programmer mode.) 1. MAT switching by FMATS should always be executed in the on-chip RAM. 2. To ensure that the MAT that has been switched to is accessible, execute four NOP instructions in the on-chip RAM immediately after writing to FMATS in the on-chip RAM (this prevents access to the flash memory during MAT switching). 3. If an interrupt has occurred during switching, there is no guarantee of which memory MAT is being accessed. Always mask the maskable interrupts before switching between MATs. In addition, configure the system so that NMI interrupts do not occur during MAT switching. 4. After the MATs have been switched, take care because the interrupt vector table will also have been switched. If interrupt processing is to be the same before and after MAT switching, transfer the interrupt-processing routines to the on-chip RAM and set the WEINTE bit in FCCS to place the interrupt-vector table in the on-chip RAM. 5. Memory sizes of the user MAT and user boot MAT are different. When accessing the user boot MAT, do not access addresses above the top of its 8-kbyte memory space. If an access is made beyond the 8-kbyte space, the undefined value will be read. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |