công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 617 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 617 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 613Page - Renesas Technology Corp H8S/2437 Datasheet HTML 614Page - Renesas Technology Corp H8S/2437 Datasheet HTML 615Page - Renesas Technology Corp H8S/2437 Datasheet HTML 616Page - Renesas Technology Corp H8S/2437 Datasheet HTML 617Page - Renesas Technology Corp H8S/2437 Datasheet HTML 618Page - Renesas Technology Corp H8S/2437 Datasheet HTML 619Page - Renesas Technology Corp H8S/2437 Datasheet HTML 620Page - Renesas Technology Corp H8S/2437 Datasheet HTML 621Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 617 / 746 page
background image
Rev. 1.00, 09/03, page 579 of 704
20.5.2
Software Protection
Software protection is set up in any of two ways: by disabling the downloading of on-chip
programs for programming and erasing and by means of a key code.
Table 20.10 Software Protection
Function to be Protected
Item
Description
Download Program/Erase
Protection by
SCO bit
• The program/erase-protected state is entered
by clearing the SCO bit in FCCS to 0 which
disables the downloading of the
programming/erasing programs.
Protection by
FKEY
• Downloading and programming/erasing are
disabled unless the required key code is
written in FKEY. Different key codes are used
for downloading and for programming/erasing.
20.5.3
Error Protection
Error protection is a mechanism for forcibly suspended programming or erasure when an error
occurs, in the form of the microcomputer entering runaway during programming/erasing of the
flash memory or operations that are not according to the specified procedures for
programming/erasing. Forcibly suspending programming or erasure in such cases prevents
damage to the flash memory due to excessive programming or erasing.
If the microcomputer malfunctions during programming/erasing of the flash memory, the FLER
bit in FCCS is set to 1 and the error-protection state is entered, and this suspends the programming
or erasure.
The FLER bit is set in the following conditions:
1. When an interrupt such as NMI occurs during programming/erasing
2. When the flash memory is read during programming/erasing (including a vector read or an
instruction fetch)
3. When a SLEEP instruction (including software standby mode) is executed during
programming/erasing
Error protection is canceled by a reset or in hardware standby mode. Note that the reset should be
released after the reset period of 100
µs which is longer than normal. Since high voltages are
applied during programming/erasing of the flash memory, some voltage may remain after the
error-protection state has been entered. For this reason, it is necessary to reduce the risk of damage
to the flash memory by extending the reset period so that the charge is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com