công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 616 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 616 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 612Page - Renesas Technology Corp H8S/2437 Datasheet HTML 613Page - Renesas Technology Corp H8S/2437 Datasheet HTML 614Page - Renesas Technology Corp H8S/2437 Datasheet HTML 615Page - Renesas Technology Corp H8S/2437 Datasheet HTML 616Page - Renesas Technology Corp H8S/2437 Datasheet HTML 617Page - Renesas Technology Corp H8S/2437 Datasheet HTML 618Page - Renesas Technology Corp H8S/2437 Datasheet HTML 619Page - Renesas Technology Corp H8S/2437 Datasheet HTML 620Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 616 / 746 page
background image
Rev. 1.00, 09/03, page 578 of 704
20.5
Protection
There are three kinds of flash memory program/erase protection: hardware, software, and error
protection.
20.5.1
Hardware Protection
Programming and erasing of flash memory is forcibly disabled or suspended by hardware
protection. In this state, the downloading of an on-chip program and initialization are possible.
However, an activated program for programming or erasure cannot program or erase the user
MAT, and the error in programming/erasing is reported in the parameter FPFR.
Table 20.9
Hardware Protection
Function to be Protected
Item
Description
Download
Program/Erase
FWE pin
protection
• When a low level signal is input to the FWE
pin, the FWE bit in FCCS is cleared and the
program/erase-protected state is entered.
Reset/standby
protection
• The program/erase interface registers are
initialized by a reset (including a reset by the
WDT) and in hardware standby mode and
the program/erase-protected state is
entered.
• The reset state will not be entered by a reset
using the
RES pin unless the RES pin is held
low until oscillation has stabilized after power
is initially supplied. In the case of a reset
during operation, hold the
RES pin low for
the RES pulse width that is specified in the
section on AC characteristics. If a reset is
input during programming or erasure, data
values in the flash memory are not
guaranteed. In this case, execute erasure
and then execute programming again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com