công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 558 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 558 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 554Page - Renesas Technology Corp H8S/2437 Datasheet HTML 555Page - Renesas Technology Corp H8S/2437 Datasheet HTML 556Page - Renesas Technology Corp H8S/2437 Datasheet HTML 557Page - Renesas Technology Corp H8S/2437 Datasheet HTML 558Page - Renesas Technology Corp H8S/2437 Datasheet HTML 559Page - Renesas Technology Corp H8S/2437 Datasheet HTML 560Page - Renesas Technology Corp H8S/2437 Datasheet HTML 561Page - Renesas Technology Corp H8S/2437 Datasheet HTML 562Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 558 / 746 page
background image
Rev. 1.00, 09/03, page 520 of 704
18.7
Usage Notes
18.7.1
Module Stop Mode Setting
Operation of the A/D converter can be disabled or enabled using the module stop control register.
The initial setting is for operation of the A/D converter to be halted. Register access is enabled by
clearing module stop mode. For details, refer to section 22, Power-Down Modes.
18.7.2
Permissible Signal Source Impedance
This LSI’s analog input is designed so that conversion accuracy is guaranteed for an input signal
for which the signal source impedance is 5 k
Ω or less. This specification is provided to enable the
input capacitance of the A/D converter’s sample-and-hold circuit to be charged within the
sampling time; if the sensor output impedance exceeds 5 k
Ω, charging may be insufficient and it
may not be possible to guarantee the A/D conversion accuracy. However, if a large capacitance is
provided externally for conversion in single mode, the input load will essentially comprise only
the internal input resistance of 10 k
Ω, and the signal source impedance is ignored. However, since
a low-pass filter effect is obtained in this case, it may not be possible to follow an analog signal
with a large differential coefficient (e.g., 5 mV/
µs or greater) (see figure 18.6). When converting a
high-speed analog signal or performing conversion in scan mode, a low-impedance buffer should
be inserted.
Equivalent circuit of A/D converter
This LSI
20 pF
Cin =
15 pF
10 k
Ω
Up to 10 k
Ω
Low-pass
filter
C to 0.1
µF
Sensor output
impedance
Sensor input
Figure 18.6 Example of Analog Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com