công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2111B bảng dữ liệu(PDF) 549 Page - Renesas Technology Corp

tên linh kiện H8S/2111B
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B bảng dữ liệu(HTML) 549 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 545Page - Renesas Technology Corp H8S/2111B Datasheet HTML 546Page - Renesas Technology Corp H8S/2111B Datasheet HTML 547Page - Renesas Technology Corp H8S/2111B Datasheet HTML 548Page - Renesas Technology Corp H8S/2111B Datasheet HTML 549Page - Renesas Technology Corp H8S/2111B Datasheet HTML 550Page - Renesas Technology Corp H8S/2111B Datasheet HTML 551Page - Renesas Technology Corp H8S/2111B Datasheet HTML 552Page - Renesas Technology Corp H8S/2111B Datasheet HTML 553Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 549 / 582 page
background image
Rev. 1.00, 05/04, page 515 of 544
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
All output pins
(except
RESO)*5
—
—
0.4
V
I
OL = 1.6 mA
Ports 1 to 3
—
—
1.0
V
I
OL = 5 mA
Output low
voltage
RESO
V
OL
—
—
0.4
V
I
OL = 1.6 mA
Notes: 1. Do not leave the AVcc, AVref, and AVss pins open even if the A/D converter is not used.
Even if the A/D converter is not used, apply a value in the range 2.0 V to 3.6 V to AV
CC
and AV
ref pins by connection to the power supply (VCC), or some other method. Ensure
that AV
ref ≤ AVCC.
2. P67 to P60 include peripheral module inputs multiplexed on those pins.
3.
IRQ2 includes the ADTRG signal multiplexed on that pin.
4. P52/ExSCK1/SCL0, P97/SDA0, P86/SCK1/SCL1, P42/SDA1, and port G are NMOS
push-pull outputs.
When the SCL0, SDA0, SCL1, SDA1 (ICE = 1), ExSDAA, ExSCLA, ExSDAB, or
ExSCLB pin is used as an output, it is NMOS open-drain output. Therefore, an external
pull-up resistor must be connected in order to output high level.
P52/ExSCK1, P97, P86/SCK1, P42 (ICE = 0), and port G high levels are driven by
NMOS.
An external pull-up resistor is necessary to provide high-level output from ExSCK1 and
SCK1.
5. When IICS = 0, ICE = 0, and KBIOE = 0. Low-level output when the bus drive function
is selected is determined separately.
6. The port A characteristics depend on V
CCB, and the other pins characteristics depend
on V
CC.
7. For flash memory programming/erasure, the applicable range is V
CC = 3.0 V to 3.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com