| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7733 bảng dữ liệu(PDF) 207 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 bảng dữ liệu(HTML) 207 Page - Renesas Technology Corp |
|
207 / 940 page ![]() SERIAL I/O 7733 Group User’s Manual 8–4 Note: The bit converter, the polarity reversing circuit and RTSi output function are not assigned for UART2. n: Value set to the UARTi baud rate register Divider [1/(n+1)] UART2 (Address 6516) Divider(1/16 ) CLKi CTSi / RTSi 000 000 0 D8 D7 D6 D5 D4 D3 D2 D1 D0 Data bus (odd) Transfer clock Receive control circuit Transmission control circuit Transmission register D8 D7 D6 D5 D4 D3 D2 D1 D0 UART0 (Addresses 3716, 3616) Receive buffer register UART1 (Addresses 3F16, 3E16) Transmission buffer register Divider(1/16 ) UART transmission Divider (1/2 ) f2 f16 f64 f512 Clock synchronous (When internal clock is selected) UART receive Clock synchronous Clock synchronous Clock synchronous (Internal clock) Clock synchronous (External clock) Internal External Baud rate register UART0 (Address 3116) Clock source selection RxDi TxDi Bit converter Receive register Data bus (odd) Bit converter Polarity reversing circuit Data bus (even) UART2 (Addresses 6B16, 6A16) (Note) (Note) (Note) (Note) Data bus (even) Transfer clock UART0 (Addresses 3316, 3216) UART1 (Addresses 3B16, 3A16) UART2 (Addresses 6716, 6616) UART1 (Address 3916) 8.2 Block description Figure 8.2.1 shows the block diagram for serial I/O. Registers related to serial I/O are described below. 8.2 Block description Fig. 8.2.1 Block diagram for serial I/O |