| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7052 bảng dữ liệu(PDF) 746 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7052 bảng dữ liệu(HTML) 746 Page - Renesas Technology Corp |
|
746 / 919 page ![]() 720 20.9 Flash Memory Emulation in RAM Making a setting in the RAM emulation register (RAMER) enables part of RAM to be overlapped onto the flash memory area so that data to be written to flash memory can be emulated in RAM in real time. After the RAMER setting has been made, accesses cannot be made from the flash memory area or the RAM area overlapping flash memory. Emulation can be performed in user mode and user program mode. Figure 20.17 shows an example of emulation of real-time flash memory programming. Start of emulation program End of emulation program Tuning OK? Yes No Set RAMER Write tuning data to overlap RAM Execute application program Clear RAMER Write to flash memory emulation block Figure 20.17 Flowchart for Flash Memory Emulation in RAM |