công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH7052 bảng dữ liệu(PDF) 743 Page - Renesas Technology Corp

tên linh kiện SH7052
Giải thích chi tiết về linh kiện  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 bảng dữ liệu(HTML) 743 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 739Page - Renesas Technology Corp SH7052 Datasheet HTML 740Page - Renesas Technology Corp SH7052 Datasheet HTML 741Page - Renesas Technology Corp SH7052 Datasheet HTML 742Page - Renesas Technology Corp SH7052 Datasheet HTML 743Page - Renesas Technology Corp SH7052 Datasheet HTML 744Page - Renesas Technology Corp SH7052 Datasheet HTML 745Page - Renesas Technology Corp SH7052 Datasheet HTML 746Page - Renesas Technology Corp SH7052 Datasheet HTML 747Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 743 / 919 page
background image
717
20.8
Protection
There are two kinds of flash memory program/erase protection, hardware protection and software
protection.
20.8.1
Hardware Protection
Hardware protection refers to a state in which programming/erasing of flash memory is forcibly
disabled or aborted. Hardware protection is reset by settings in flash memory control register 1
(FLMCR1), erase block register 1 (EBR1), and erase block register 2 (EBR2). The FLMCR1,
EBR1, and EBR2 settings are retained in the error-protected state. (See table 20.10.)
Table 20.10 Hardware Protection
Functions
Item
Description
Program
Erase
FWE pin protection
• When a low level is input to the FWE pin,
FLMCR1, FLMCR2, EBR1, and EBR2 are
initialized, and the program/erase-
protected state is entered.
Yes
Yes
Reset/standby
protection
• In a power-on reset (including a WDT
power-on reset) and in standby mode,
FLMCR1, FLMCR2, EBR1, and EBR2 are
initialized, and the program/erase-
protected state is entered.
• In a reset via the RES pin, the reset state
is not entered unless the RES pin is held
low until oscillation stabilizes after
powering on. In the case of a reset during
operation, hold the RES pin low for the
RES pulse width specified in the AC
Characteristics section. Do not execute a
reset during programming or erasing, as
the values in the flash memory are not
guaranteed if this is done. In this case,
execute an erase, then execute
programming once again.
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com