| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7052 bảng dữ liệu(PDF) 720 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7052 bảng dữ liệu(HTML) 720 Page - Renesas Technology Corp |
|
720 / 919 page ![]() 694 20.2.6 Block Configuration The flash memory is divided into three 64 kB blocks, one 32 kB block, and eight 4 kB blocks. Address H'3FFFF Address H'00000 64 kB 64 kB 64 kB 32 kB 256 kB 4 kB × 8 Figure 20.7 Block Configuration 20.3 Pin Configuration The flash memory is controlled by means of the pins shown in table 20.2. Table 20.2 Pin Configuration Pin Name Abbreviation I/O Function Reset RES Input Reset Flash write enable FWE Input Flash program/erase protection by hardware Mode 2 MD2 Input Sets SH7052F/SH7053F operating mode Mode 1 MD1 Input Sets SH7052F/SH7053F operating mode Mode 0 MD0 Input Sets SH7052F/SH7053F operating mode Transmit data TxD1 Output Serial transmit data output Receive data RxD1 Input Serial receive data input |