công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH7052 bảng dữ liệu(PDF) 723 Page - Renesas Technology Corp

tên linh kiện SH7052
Giải thích chi tiết về linh kiện  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 bảng dữ liệu(HTML) 723 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 719Page - Renesas Technology Corp SH7052 Datasheet HTML 720Page - Renesas Technology Corp SH7052 Datasheet HTML 721Page - Renesas Technology Corp SH7052 Datasheet HTML 722Page - Renesas Technology Corp SH7052 Datasheet HTML 723Page - Renesas Technology Corp SH7052 Datasheet HTML 724Page - Renesas Technology Corp SH7052 Datasheet HTML 725Page - Renesas Technology Corp SH7052 Datasheet HTML 726Page - Renesas Technology Corp SH7052 Datasheet HTML 727Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 723 / 919 page
background image
697
• Bit 5—Erase Setup Bit 1 (ESU1): Prepares for a transition to erase mode. Do not set the
SWE1, PSU1, EV1, PV1, E1, or P1 bit at the same time.
Bit 5: ESU1
Description
0
Erase setup cleared
(Initial value)
1
Erase setup
[Setting condition]
When FWE = 1 and SWE1 = 1
• Bit 4—Program Setup Bit 1 (PSU1): Prepares for a transition to program mode. Do not set the
SWE1, ESU1, EV1, PV1, E1, or P1 bit at the same time.
Bit 4: PSU1
Description
0
Program setup cleared
(Initial value)
1
Program setup
[Setting condition]
When FWE = 1 and SWE1 = 1
• Bit 3—Erase-Verify 1 (EV1): Selects erase-verify mode transition or clearing. Do not set the
SWE1, ESU1, PSU1, PV1, E1, or P1 bit at the same time.
Bit 3: EV1
Description
0
Erase-verify mode cleared
(Initial value)
1
Transition to erase-verify mode
[Setting condition]
When FWE = 1 and SWE1 = 1
• Bit 2—Program-Verify 1 (PV1): Selects program-verify mode transition or clearing. Do not set
the SWE1, ESU1, PSU1, EV1, E1, or P1 bit at the same time.
Bit 2: PV1 Description
0
Program-verify mode cleared
(Initial value)
1
Transition to program-verify mode
[Setting condition]
When FWE = 1 and SWE1 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More