| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7052 bảng dữ liệu(PDF) 716 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7052 bảng dữ liệu(HTML) 716 Page - Renesas Technology Corp |
|
716 / 919 page ![]() 690 20.2.3 On-Board Programming Modes Boot Mode Flash memory SH7052F, SH7053F RAM Host Programming control program SCI Application program (old version) New application program Flash memory SH7052F, SH7053F RAM Host SCI Application program (old version) Boot program area New application program Flash memory SH7052F, SH7053F RAM Host SCI Flash memory preprogramming erase Boot program New application program Flash memory SH7052F, SH7053F Program execution state RAM Host SCI New application program Boot program Programming control program 1. Initial state The old program version or data remains written in the flash memory. The user should prepare the programming control program and new application program beforehand in the host. 2. Programming control program transfer When boot mode is entered, the boot program in the SH7052F, SH7053F (originally incorporated in the chip) is started and the programming control program in the host is transferred to RAM via SCI communication. The boot program required for flash memory erasing is automatically transferred to the RAM boot program area. 3. Flash memory initialization The erase program in the boot program area (in RAM) is executed, and the flash memory is initialized (to H'FF). In boot mode, total flash memory erasure is performed, without regard to blocks. 4. Writing new application program The programming control program transferred from the host to RAM is executed, and the new application program in the host is written into the flash memory. Programming control program Boot program Boot program Boot program area Boot program area Programming control program Figure 20.3 Boot Mode |