| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3819 bảng dữ liệu(PDF) 113 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
3819 bảng dữ liệu(HTML) 113 Page - Renesas Technology Corp |
|
113 / 218 page ![]() 99 2. APPLICATION MITSUBISHI MICROCOMPUTER 3819 Group 2.3 Serial I/O 3819 Group USER’S MANUAL Fig. 2.3.21 Setting of transmission data [Data transmission or reception using automatic transfer] This register is not used at using automatic transfer. SIO1 Serial I/O1 register (Address:1B16) SIORAM DO7 DO6 DO1 DO0 0F0016 0F0116 0F0616 0F0716 DI7 DI6 DI1 DI0 0F0016 0F0116 0F0616 0F0716 Execution of automatic transfer Serial I/O automatic transfer RAM (Address:0F0016 to 0F1F16) In this example, address “0F0816 to 0F1F16 ” which are not used for an automatic transfer can be used as ordinary RAM. |