công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH7021 bảng dữ liệu(PDF) 26 Page - Renesas Technology Corp

tên linh kiện SH7021
Giải thích chi tiết về linh kiện  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 bảng dữ liệu(HTML) 26 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 22Page - Renesas Technology Corp SH7021 Datasheet HTML 23Page - Renesas Technology Corp SH7021 Datasheet HTML 24Page - Renesas Technology Corp SH7021 Datasheet HTML 25Page - Renesas Technology Corp SH7021 Datasheet HTML 26Page - Renesas Technology Corp SH7021 Datasheet HTML 27Page - Renesas Technology Corp SH7021 Datasheet HTML 28Page - Renesas Technology Corp SH7021 Datasheet HTML 29Page - Renesas Technology Corp SH7021 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 509 page
background image
RENESAS 5
Table 1.1
Features of the SH7032 and SH7034 Microcomputers (cont)
Feature
Description
I/O ports
Total of 40 I/O lines (32 input/output lines, 8 input-only lines):
• Port A: 16 input/output lines (input or output can be selected for
each bit)
• Port B: 16 input/output lines (input or output can be selected for
each bit)
On-chip memory
SH7020: 16-kbyte masked ROM, and 1-kbyte RAM
SH7021: 32-kbyte electrically programmable ROM or masked Rom,
and 1-kbyte RAM
32-bit data can be accessed in one clock cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More