| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7643 bảng dữ liệu(PDF) 235 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7643 bảng dữ liệu(HTML) 235 Page - Renesas Technology Corp |
|
235 / 424 page ![]() Rev.2.00 Aug 28, 2006 page 114 of 202 7643 Group REJ09B0133-0200 APPLICATION 2.6 USB q AUTO_SET bit When this bit is “1”, if the data written to the IN FIFO matches the max. IN packet size, the IN_PKT_RDY bit is automatically set to “1”. However, when transmitting a short packet (fewer data packet than the max. packet size), set the IN_PKT_RDY bit to “1” after writing the data to the IN FIFO. Figure 2.6.14 shows the structure of USB endpoint x (0 to 2) IN control registers. |