công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7643 bảng dữ liệu(PDF) 109 Page - Renesas Technology Corp

tên linh kiện 7643
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 bảng dữ liệu(HTML) 109 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 105Page - Renesas Technology Corp 7643 Datasheet HTML 106Page - Renesas Technology Corp 7643 Datasheet HTML 107Page - Renesas Technology Corp 7643 Datasheet HTML 108Page - Renesas Technology Corp 7643 Datasheet HTML 109Page - Renesas Technology Corp 7643 Datasheet HTML 110Page - Renesas Technology Corp 7643 Datasheet HTML 111Page - Renesas Technology Corp 7643 Datasheet HTML 112Page - Renesas Technology Corp 7643 Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 92 of 103
REJ09B0133-0200
OVERVIEW
FLASH MEMORY MODE
7643 Group
qVersion Information Output Command
This command outputs the version information of the control pro-
gram stored in the Boot ROM area. Execute the version
information output command as explained here following.
(1) Transfer the “FB16” command code with the 1st byte.
(2) The version information will be output from the 2nd byte on-
ward.
This data is composed of 8 ASCII code characters.
Fig. 88 Timing for version information output
FB16
‘X’
‘V’‘E’‘R’
SCLK
SRXD
STXD
SRDY (BUSY)
qBoot ROM Area Output Command
This command reads the control program stored in the Boot ROM
area in page (256 bytes) unit. Execute the Boot ROM area output
command as explained here following.
(1) Transfer the “FC16” command code with the 1st byte.
(2) Transfer addresses AB8 to AB15 and AB16 to AB23 with the 2nd
and 3rd bytes respectively.
(3) From the 4th byte onward, data (DB0 to DB7) for the page (256
bytes) specified with addresses AB8 to AB23 will be output se-
quentially from the smallest address first synchronized with the
fall of the clock.
Fig. 89 Timing for Boot ROM area output
FC16
AB8 to
AB15
AB16
to
AB23
data0data255
SCLK
SRXD
STXD
SRDY(BUSY)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More