công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7643 bảng dữ liệu(PDF) 364 Page - Renesas Technology Corp

tên linh kiện 7643
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 bảng dữ liệu(HTML) 364 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 360Page - Renesas Technology Corp 7643 Datasheet HTML 361Page - Renesas Technology Corp 7643 Datasheet HTML 362Page - Renesas Technology Corp 7643 Datasheet HTML 363Page - Renesas Technology Corp 7643 Datasheet HTML 364Page - Renesas Technology Corp 7643 Datasheet HTML 365Page - Renesas Technology Corp 7643 Datasheet HTML 366Page - Renesas Technology Corp 7643 Datasheet HTML 367Page - Renesas Technology Corp 7643 Datasheet HTML 368Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 424 page
background image
7643 Group
REJ09B0133-0200
APPENDIX
3.4 Countermeasure against noise
Rev.2.00
Aug 28, 2006
page 41 of 98
Fig. 3.4.5 Wiring for signal lines where potential levels change frequently
3.4.3 Oscillator concerns
Take care to prevent an oscillator that generates clocks for a microcomputer operation from being
affected by other signals.
(1) Keeping oscillator away from large current signal lines
Install a microcomputer (and especially an oscillator) as far as possible from signal lines where a
current larger than the tolerance of current value flows.
q Reason
In the system using a microcomputer, there are signal lines for controlling motors, LEDs, and
thermal heads or others. When a large current flows through those signal lines, strong noise
occurs because of mutual inductance.
XIN
XOUT
VSS
TOUT
Do not cross
N.G.
Fig. 3.4.4 Wiring for a large current signal line
(2) Installing oscillator away from signal lines where potential levels change frequently
Install an oscillator and a connecting pattern of an oscillator away from signal lines where potential
levels change frequently. Also, do not cross such signal lines over the clock lines or the signal
lines which are sensitive to noise.
q Reason
Signal lines where potential levels change frequently (such as the TOUT pin signal line) may
affect other lines at signal rising edge or falling edge. If such lines cross over a clock line, clock
waveforms may be deformed, which causes a microcomputer failure or a program runaway.
XIN
XOUT
VSS
M
Microcomputer
Mutual inductance
Large
current
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More