| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7014 bảng dữ liệu(PDF) 83 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7014 bảng dữ liệu(HTML) 83 Page - Renesas Technology Corp |
|
83 / 754 page ![]() 2. CPU Rev.5.00 Sep. 27, 2007 Page 49 of 716 REJ09B0398-0500 To return from standby mode, use a power-on reset or an NMI interrupt. For resets, the CPU returns to ordinary program execution state through the exception processing state when placed in a reset state for the duration of the oscillator stabilization time. For NMI interrupts, the CPU returns to ordinary program execution state through the exception processing state after the oscillator stabilization time has elapsed. In this mode, power consumption drops markedly, since the oscillator stops (table 2.18). Table 2.18 Power-Down State State Mode Transition Conditions Clock CPU On-Chip Peripheral Modules CPU Registers On-Chip Cache or On-Chip RAM I/O Port Pins Canceling Sleep Execute SLEEP instruction with SBY bit cleared to 0 in SBYCR Run Halt Run Held Held Held • Interrupt • DMA address error • Power-on reset Stand- by Execute SLEEP instruction with SBY bit set to 1 in SBYCR Halt Halt Halt and initialize* Held Held Held or Hi-Z (select- able) • NMI interrupt • Power-on reset Note: * Differs depending on the peripheral module and pin. |