| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7014 bảng dữ liệu(PDF) 60 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7014 bảng dữ liệu(HTML) 60 Page - Renesas Technology Corp |
|
60 / 754 page ![]() 2. CPU Rev.5.00 Sep. 27, 2007 Page 26 of 716 REJ09B0398-0500 2.3.2 Addressing Modes Table 2.8 describes addressing modes and effective address calculation. Table 2.8 Addressing Modes and Effective Addresses Addressing Mode Instruction Format Effective Addresses Calculation Equation Direct register addressing Rn The effective address is register Rn. (The operand is the contents of register Rn.) ⎯ Indirect register addressing @Rn The effective address is the content of register Rn. Rn Rn Rn Post-increment indirect register addressing @Rn+ The effective address is the content of register Rn. A constant is added to the content of Rn after the instruction is executed. 1 is added for a byte operation, 2 for a word operation, and 4 for a longword operation. Rn Rn 1/2/4 + Rn + 1/2/4 Rn (After the instruction executes) Byte: Rn + 1 → Rn Word: Rn + 2 → Rn Longword: Rn + 4 → Rn Pre-decrement indirect register addressing @–Rn The effective address is the value obtained by subtracting a constant from Rn. 1 is subtracted for a byte operation, 2 for a word operation, and 4 for a longword operation. Rn 1/2/4 Rn − 1/2/4 − Rn − 1/2/4 Byte: Rn − 1 → Rn Word: Rn − 2 → Rn Longword: Rn − 4 → Rn (Instruction executed with Rn after calculation) |