| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7014 bảng dữ liệu(PDF) 74 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7014 bảng dữ liệu(HTML) 74 Page - Renesas Technology Corp |
|
74 / 754 page ![]() 2. CPU Rev.5.00 Sep. 27, 2007 Page 40 of 716 REJ09B0398-0500 Instruction Instruction Code Operation Exec. Cycles T Bit DMULS.L Rm,Rn 0011nnnnmmmm1101 Signed operation of Rn × Rm → MACH, MACL 32 × 32 → 64 bit 2 to 4* ⎯ DMULU.L Rm,Rn 0011nnnnmmmm0101 Unsigned operation of Rn × Rm → MACH, MACL 32 × 32 → 64 bit 2 to 4* ⎯ DT Rn 0100nnnn00010000 Rn − 1 → Rn, when Rn is 0, 1 → T. When Rn is nonzero, 0 → T 1 Comparison result EXTS.B Rm,Rn 0110nnnnmmmm1110 A byte in Rm is sign- extended → Rn 1 ⎯ EXTS.W Rm,Rn 0110nnnnmmmm1111 A word in Rm is sign- extended → Rn 1 ⎯ EXTU.B Rm,Rn 0110nnnnmmmm1100 A byte in Rm is zero- extended → Rn 1 ⎯ EXTU.W Rm,Rn 0110nnnnmmmm1101 A word in Rm is zero- extended → Rn 1 ⎯ MAC.L @Rm+,@Rn+ 0000nnnnmmmm1111 Signed operation of (Rn) × (Rm) + MAC → MAC 32 × 32 → 64 bit 3/ (2 to 4)* ⎯ MAC.W @Rm+,@Rn+ 0100nnnnmmmm1111 Signed operation of (Rn) × (Rm) + MAC → MAC 16 × 16 + 64 → 64 bit 3/(2)* ⎯ MUL.L Rm,Rn 0000nnnnmmmm0111 Rn × Rm → MACL, 32 × 32 → 32 bit 2 to 4* ⎯ MULS.W Rm,Rn 0010nnnnmmmm1111 Signed operation of Rn × Rm → MAC 16 × 16 → 32 bit 1 to 3* ⎯ MULU.W Rm,Rn 0010nnnnmmmm1110 Unsigned operation of Rn × Rm → MAC 16 × 16 → 32 bit 1 to 3* ⎯ NEG Rm,Rn 0110nnnnmmmm1011 0 − Rm → Rn 1 ⎯ NEGC Rm,Rn 0110nnnnmmmm1010 0 − Rm − T → Rn, Borrow → T 1 Borrow |